Electronic Components Datasheet Search
  English  ▼

X  

STV2110A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV2110A
Description  PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2110A Datasheet(HTML) 1 Page - STMicroelectronics

  STV2110A Datasheet HTML 1Page - STMicroelectronics STV2110A Datasheet HTML 2Page - STMicroelectronics STV2110A Datasheet HTML 3Page - STMicroelectronics STV2110A Datasheet HTML 4Page - STMicroelectronics STV2110A Datasheet HTML 5Page - STMicroelectronics STV2110A Datasheet HTML 6Page - STMicroelectronics STV2110A Datasheet HTML 7Page - STMicroelectronics STV2110A Datasheet HTML 8Page - STMicroelectronics STV2110A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
STV2110A
PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
September 1993
PRELIMINARY DATA
1
2
3
4
5
6
7
8
9
10
11
12
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
24
23
22
COG
HVcc
BOUT
COB
YIN
SLPF
SXTL
CVBS
LFB
VOUT
HOUT
CTR
DLI
PS
SECIN
SECAM CHROMA INPUT
CHROMA STANDARD I/O
DELAY CHROMA INPUT
CONTRAST CONTROL
HORIZONTAL OUTPUT
VERTICAL OUTPUT
LINE FLYBACK INPUT
COMPOSITE VIDEO SIGNAL
SCANNING LOOP FILTER
SCANNING XTAL
GREEN CUT-OFF CAPACITOR
BLUE OUTPUT
HORIZONTAL Vcc
BLUE CUT-OFF CAPACITOR
LUMINANCE SIGNAL INPUT
Vcc
COR
BRIG
FBL
CLPF
CXTL
CKP
SAT
DLO
CKS
CDR
F440
GND
CDB
F425
GROUND
BLUE DEEMPHASIS CAPACITOR
4.40MHz FILTER
RED DEEMPHASIS CAPACITOR
SECAM KILLER CAPACITOR
CHROMA OUTPUT
SATURATION CONTROL
PAL KILLER CAPACITOR
CHROMA XTAL
SUPPLY VOLTAGE INPUT
RED CUT-OFF CAPACITOR
BRIGHTNESS CONTROL
FAST BLANKING INPUT
CHROMA LOOP FILTER
4.25MHz FILTER
ICAT
CATHODECURRENT
RIN
RED INPUT
BIN
GIN
GREEN INPUT
BLUE INPUT
ACC
ACC CONTROL CAPACITOR
F432
4.32MHz FILTER
GROUND
GND
PALIN
PAL CHROMA INPUT
Vcc
SUPPLY VOLTAGE
BLK
BLANKING INPUT
GOUT
GREEN OUTPUT
ROUT
RED OUTPUT
PIN CONNECTIONS
SHRINK 42
(Plastic Package)
ORDER CODE : STV2110A
s
RGB AND FAST BLANKING INPUTS
s
AUTOMATIC CUT-OFF CONTROL
s
DC-CONTROLLED
BRIGHTNESS,
CON-
TRAST AND SATURATION
s
CERAMIC 500kHz VCO FOR LINE DEFLEC-
TION
s
CHROMA STANDARD AUTOMATIC IDENTIFI-
CATION
s
BIDIRECTIONAL I/O FOR CHROMA STAND-
ARD
s
PHASE-LOCKED REFERENCE OSCILLATOR
USING A STANDARD 4.43MHz
s
OSD CAPABILITY ON OUTPUTS
s
VIDEO IDENTIFICATION GENERATOR
DESCRIPTION
The STV2110A is a PAL-SECAM chroma decoder,
video and H/V deflection processor for CTV.
Used with the TDA8222, this IC permits a complete
low cost solution with external output stages.
It is pin compatible with STV2102 PAL only proces-
sor.
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without no tice.
1/15


Similar Part No. - STV2110A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
Apr-1996
More results

Similar Description - STV2110A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51403FP MITSUBISHI-M51403FP Datasheet
349Kb / 11P
PAL VIDEO CHROMA SIGNAL PROCESSOR
M51404AFP MITSUBISHI-M51404AFP Datasheet
289Kb / 10P
SECAM SYSTEM CHROMA SIGNAL PROCESSOR
M52026SP MITSUBISHI-M52026SP Datasheet
870Kb / 13P
SECAM CHROMA SIGNAL PROCESSOR
M52045FP MITSUBISHI-M52045FP Datasheet
299Kb / 7P
PAL VIDEO CHROMA SIGNAL PROCESSOR?
logo
STMicroelectronics
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
Apr-1996
logo
Mitsubishi Electric Sem...
M52039SP MITSUBISHI-M52039SP Datasheet
1Mb / 22P
PAL/NTSC VIDEO CHROMA DEFLECTION
M51390ASP MITSUBISHI-M51390ASP Datasheet
1,010Kb / 14P
PAL/NTSC VIDEO CHROMA DEFLECTION
M52025SP MITSUBISHI-M52025SP Datasheet
994Kb / 18P
PAL/NTSC VIDEO CHROMA DEFLECTION
M52016SP MITSUBISHI-M52016SP Datasheet
1Mb / 13P
PAL/ NTSC VIDEO CHROMA DEFLECTION
M51391ASP MITSUBISHI-M51391ASP Datasheet
985Kb / 13P
PAL/NTSC VIDEO CHROMA DEFLECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com