Electronic Components Datasheet Search
  English  ▼

X  

STV2110A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV2110A
Description  PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2110A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV2110A Datasheet HTML 2Page - STMicroelectronics STV2110A Datasheet HTML 3Page - STMicroelectronics STV2110A Datasheet HTML 4Page - STMicroelectronics STV2110A Datasheet HTML 5Page - STMicroelectronics STV2110A Datasheet HTML 6Page - STMicroelectronics STV2110A Datasheet HTML 7Page - STMicroelectronics STV2110A Datasheet HTML 8Page - STMicroelectronics STV2110A Datasheet HTML 9Page - STMicroelectronics STV2110A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
(HVCC =VCC =9V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
FAST BLANKING INPUT (Pin 35)
VTH1-35
First Threshold (switching)
0.7
V
VTH2-35
Second Threshold (blanking)
2.1
V
Tswitch
Switching Delay
50
ns
Tblank
Blanking Delay
100
ns
CATHODE CURRENT INPUT (Pin 42)
VREF42
Leakage Current Reference Voltage
1.75
V
∆VREF42 CO Reference refered to Leakage Current
Reference
250
mV
I42
Output Current
150
µA
Vsb42
Start-beam Current Detection Reference
Voltage
2.4
V
AUTOMATIC CUT-OFF (Pin 3-8-38)
Cut-off Capacitor Clamping Current
± 100
µA
PAL CHROMINANCE INPUT (Pin 18)
V18
Input Level
0.3
1.0
VPP
Vburst-18
Minimum Burst Signal Amplitude within the
ACC Control Range
30
mVPP
GACC
ACC Control Range
Change of burst over whole
ACC Control Range < 1dB
30
dB
R18
Input Impedance
8
k
Ω
VDC-18
DC Level
No input signal
3.5
V
SECAM CHROMINANCE INPUT (Pin 17)
V17
Input Level
0.3
1.0
VPP
Vburst-17
Minimum Burst Signal Amplitude within the
ACC Control Range
30
mVPP
R17
Input Impedance
20
k
Ω
VDC-17
DC Level
No input signal
3.5
V
ACC CAPACITOR (Pin 30)
I30
Charging Current
During burst gate period
250
µA
Ii30
Leakage Current
Out of burst gate period
1
µA
PLL LOOP FILTER (Pin 34)
I34
Control Current
400
µA
CHROMAXTAL (Pin 33)
CR33
Catching Range
±700
Hz
SUBCARRIER OUTPUT (Pin 22)
Vburst-22
Output Burst Amplitude (PAL mode)
Within ACC Control Range
2
Vpp
PAL KILLER CAPACITOR (Pin 32)
VOFF-32
Color off Threshold
5.0
V
VON-32
Color on Threshold
5.4
V
VINH-32
PAL Flip-flop Inhibition Level
3.2
V
I32
Control Current
250
µA
Vnom-32
Voltage with Nominal Input Signal
6.0
V
STV2110A
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com