Electronic Components Datasheet Search
  English  ▼

X  

HSU227 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSU227
Description  Silicon Schottky Barrier Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSU227 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSU227 Datasheet HTML 1Page - Renesas Technology Corp HSU227 Datasheet HTML 2Page - Renesas Technology Corp HSU227 Datasheet HTML 3Page - Renesas Technology Corp HSU227 Datasheet HTML 4Page - Renesas Technology Corp HSU227 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.2.00 Apr 28, 2005 page 1 of 4
HSU227
Silicon Schottky Barrier Diode for High Speed Switching
REJ03G0612-0200
(Previous: ADE-208-779A)
Rev.2.00
Apr 28, 2005
Features
• Low capacitance. (C = 3.0 pF max)
• Ultra small Resin Package (URP) is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No.
Laser Mark
Package Name
Package Code
(Previous Code)
HSU227
S3
URP
PTSP0002ZA-A
(URP)
Pin Arrangement
Cathode mark
Mark
12
S3
1. Cathode
2. Anode


Similar Part No. - HSU227

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSU227 HITACHI-HSU227 Datasheet
25Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
More results

Similar Description - HSU227

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB0104YP HITACHI-HSB0104YP Datasheet
27Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
HSU227 HITACHI-HSU227 Datasheet
25Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
HSB278S HITACHI-HSB278S Datasheet
29Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
logo
Renesas Technology Corp
HSU226 RENESAS-HSU226 Datasheet
44Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
HSM226S RENESAS-HSM226S Datasheet
63Kb / 5P
Silicon Schottky Barrier Diode for High speed switching
RKD701KN RENESAS-RKD701KN Datasheet
163Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
RKD702KL RENESAS-RKD702KL Datasheet
66Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
HSB88AS RENESAS-HSB88AS Datasheet
147Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
HSB88YP RENESAS-HSB88YP Datasheet
148Kb / 5P
Silicon Schottky Barrier Diode for High Speed Switching
RKD703KL RENESAS-RKD703KL Datasheet
95Kb / 6P
Silicon Schottky Barrier Diode for high Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com