Electronic Components Datasheet Search
  English  ▼

X  

HSU227 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSU227
Description  Silicon Schottky Barrier Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSU227 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSU227 Datasheet HTML 1Page - Renesas Technology Corp HSU227 Datasheet HTML 2Page - Renesas Technology Corp HSU227 Datasheet HTML 3Page - Renesas Technology Corp HSU227 Datasheet HTML 4Page - Renesas Technology Corp HSU227 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSU227
Rev.2.00 Apr 28, 2005 page 3 of 4
Main Characteristic
0
10
1.0
40
510
15
20
25
0.2
0.4
0.6
0.1
0.5
0.3
Pulse test
10
–3
10
–4
10
–2
10
–5
10
–1
10
–6
1.0
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
0
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
10
–8
10
–7
10
–6
10
–5
10
–4
10
1.0
0.1
f=1MHz
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Pulse test



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com