Electronic Components Datasheet Search
  English  ▼

X  

HD74HC158 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC158
Description  Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC158 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74HC158 Datasheet HTML 2Page - Renesas Technology Corp HD74HC158 Datasheet HTML 3Page - Renesas Technology Corp HD74HC158 Datasheet HTML 4Page - Renesas Technology Corp HD74HC158 Datasheet HTML 5Page - Renesas Technology Corp HD74HC158 Datasheet HTML 6Page - Renesas Technology Corp HD74HC158 Datasheet HTML 7Page - Renesas Technology Corp HD74HC158 Datasheet HTML 8Page - Renesas Technology Corp HD74HC158 Datasheet HTML 9Page - Renesas Technology Corp HD74HC158 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74HC157/HD74HC158
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
—
—
125 —
155
ns
Data to
HD74HC157 only
time
t
PHL
4.5
—
12
25
—
31
output
6.0
—
—
21
—
26
t
PLH
2.0
—
—
110 —
140
ns
HD74HC158 only
t
PHL
4.5
—
12
22
—
28
6.0
—
—
19
—
24
t
PHL
2.0
—
—
125 —
155
ns
Select to output
4.5
—
13
25
—
31
6.0
—
—
21
—
26
t
PLH
2.0
—
—
160 —
200
ns
4.5
—
17
32
—
40
6.0
—
—
27
—
34
t
PHL
2.0
—
—
160 —
200
ns
Strobe to output
4.5
—
12
32
—
40
6.0
—
—
27
—
34
t
PLH
2.0
—
—
160 —
200
ns
4.5
—
12
32
—
40
6.0
—
—
27
—
34
Output rise/fall
t
TLH
2.0
—
—
75
—
95
ns
time
t
THL
4.5
—
5
15
—
19
6.0
—
—
13
—
16
Input capacitance
Cin
—
—
5
10
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com