Electronic Components Datasheet Search
  English  ▼

X  

HD74HC158 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC158
Description  Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC158 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC158 Datasheet HTML 1Page - Renesas Technology Corp HD74HC158 Datasheet HTML 2Page - Renesas Technology Corp HD74HC158 Datasheet HTML 3Page - Renesas Technology Corp HD74HC158 Datasheet HTML 4Page - Renesas Technology Corp HD74HC158 Datasheet HTML 5Page - Renesas Technology Corp HD74HC158 Datasheet HTML 6Page - Renesas Technology Corp HD74HC158 Datasheet HTML 7Page - Renesas Technology Corp HD74HC158 Datasheet HTML 8Page - Renesas Technology Corp HD74HC158 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HD74HC157/HD74HC158
Quad. 2-to-1-line Data Selectors/Multiplexers
(with noninverted outputs)
Quad. 2-to-1-line Data Selectors/Multiplexers
(with inverted outputs)
ADE-205-454 (Z)
1st. Edition
Sep. 2000
Description
These devices each consist of four 2-input digital multiplexers with common select and strobe inputs. On
the HD74HC157, when the strobe input is at logical “L” the four outputs assume the values as selected
from the inputs.
When the strobe input is at a logical “H” the outputs assume logical “L”.
The
HD74HC158 operates in the same manner, except that its outputs are inverted. Select decoding is done
internally resulting in a single select input only. If enabled, the select input determines whether the A or B
inputs get routed to their corresponding Y outputs.
Features
• High Speed Operation: t
pd (Data to Output) = 12 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
Function Table
Inputs
Output Y
Strobe
Select
A
B
HC157
HC158
HX
X
X
L
H
L
L
LXL
H
LL
H
X
H
L
L
H
X
LLH
L
H
X
HHL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com