Electronic Components Datasheet Search
  English  ▼

X  

HAT2201WP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2201WP
Description  Silicon N Channel Power MOS FET Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2201WP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2201WP Datasheet HTML 1Page - Renesas Technology Corp HAT2201WP Datasheet HTML 2Page - Renesas Technology Corp HAT2201WP Datasheet HTML 3Page - Renesas Technology Corp HAT2201WP Datasheet HTML 4Page - Renesas Technology Corp HAT2201WP Datasheet HTML 5Page - Renesas Technology Corp HAT2201WP Datasheet HTML 6Page - Renesas Technology Corp HAT2201WP Datasheet HTML 7Page - Renesas Technology Corp HAT2201WP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HAT2201WP
REJ03G1679-0300 Rev.3.00 May 27, 2008
Page 2 of 7
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
100
—
—
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
—
—
±0.1
µA
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
1
µA
VDS = 100 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
3.5
—
5.0
V
VDS = 10 V, ID = 1 mA
RDS(on)
—
34
43
m
Ω
ID = 7.5 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
—
35
49
m
Ω
ID = 7.5 A, VGS = 8 V
Note4
Forward transfer admittance
|yfs|
12
20
—
S
ID = 7.5 A, VDS = 10 V
Note4
Input capacitance
Ciss
—
1450
—
pF
Output capacitance
Coss
—
180
—
pF
Reverse transfer capacitance
Crss
—
65
—
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Gate resistance
Rg
—
0.9
—
Ω
Total gate charge
Qg
—
21
—
nc
Gate to source charge
Qgs
—
7.6
—
nc
Gate to drain charge
Qgd
—
5.2
—
nc
VDD = 50 V
VGS = 10 V
ID = 15 A
Turn-on delay time
td(on)
—
18
—
ns
Rise time
tr
—
3
—
ns
Turn-off delay time
td(off)
—
33
—
ns
Fall time
tf
—
4.1
—
ns
VGS = 10 V, ID = 7.5 A
VDD
≅ 30 V
RL = 4
Ω
Rg = 4.7
Ω
Body–drain diode forward voltage
VDF
—
0.84
1.10
V
IF = 15 A, VGS = 0
Note4
Body–drain diode reverse recovery
time
trr
—
45
—
ns
IF = 15 A, VGS = 0
diF/ dt = 100 A/
µs
Notes: 4. Pulse test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com