Electronic Components Datasheet Search
  English  ▼

X  

HAT2201WP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2201WP
Description  Silicon N Channel Power MOS FET Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2201WP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2201WP Datasheet HTML 1Page - Renesas Technology Corp HAT2201WP Datasheet HTML 2Page - Renesas Technology Corp HAT2201WP Datasheet HTML 3Page - Renesas Technology Corp HAT2201WP Datasheet HTML 4Page - Renesas Technology Corp HAT2201WP Datasheet HTML 5Page - Renesas Technology Corp HAT2201WP Datasheet HTML 6Page - Renesas Technology Corp HAT2201WP Datasheet HTML 7Page - Renesas Technology Corp HAT2201WP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HAT2201WP
REJ03G1679-0300 Rev.3.00 May 27, 2008
Page 3 of 7
Main Characteristics
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
10
1
0.1
0.01
0.001
0.1 0.3
1
3
10 30
300 1000
100
100
Ta = 25°C
1 shot Pulse
DC Operation
Tc = 25°C
PW =
10 ms
10
µs
100
µs
Operation in
this area is
limited by RDS(on)
1 ms
Drain to Source Voltage VDS (V)
Typical Output Characteristics
20
16
12
8
4
0
24
6
8
10
VGS = 5.5 V
10 V
7 V
Pulse Test
6.2 V
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
20
16
12
8
4
0
24
6
8
10
Tc = 75°C
25°C
–25°C
VDS = 10 V
Pulse Test
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
500
400
300
200
100
0
4
8
12
16
20
Pulse Test
ID = 5 A
1 A
2 A
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
20
10
1
10
100
100
50
VGS = 8 V
10 V
Pulse Test
5.8 V
Case Temperature Tc (°C)
Power vs. Temperature Derating
40
30
20
10
0
50
100
150
200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com