Electronic Components Datasheet Search
  English  ▼

X  

HD74HC258 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC258
Description  Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC258 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC258 Datasheet HTML 1Page - Renesas Technology Corp HD74HC258 Datasheet HTML 2Page - Renesas Technology Corp HD74HC258 Datasheet HTML 3Page - Renesas Technology Corp HD74HC258 Datasheet HTML 4Page - Renesas Technology Corp HD74HC258 Datasheet HTML 5Page - Renesas Technology Corp HD74HC258 Datasheet HTML 6Page - Renesas Technology Corp HD74HC258 Datasheet HTML 7Page - Renesas Technology Corp HD74HC258 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00 Jan 31, 2006 page 1 of 7
HD74HC258
Quad. 2-to-1-line Data Selectors/Multiplexers
(with 3-state outputs)
REJ03D0602–0200
(Previous ADE-205-479)
Rev.2.00
Jan 31, 2006
Description
The large output drive capability coupled with the 3-state feature make this device ideal for interfacing with bus lines in
a bus organized system. When the output control input line is taken high, the outputs of all four multiplexers are sent
into a high impedance state. When the output control line is low, the select input chooses whether the A or B input is
used.
Features
• High Speed Operation: t
pd (Data to Y) = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC258P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74HC258FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74HC258RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
Output Control
Select
A
B
Y
H
X
X
X
Z
L
L
L
X
H
L
L
H
X
L
L
H
X
L
H
L
H
X
H
L
Notes H: high level
L : low level
X: irrelevant
Z: off (high-impedance) state of a 3-state output


Similar Part No. - HD74HC258

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
More results

Similar Description - HD74HC258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS257A TI-SN54ALS257A Datasheet
139Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HCT257 TI-SN54HCT257 Datasheet
272Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
logo
Texas Instruments
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257_06 Datasheet
471Kb / 17P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC257 RENESAS-HD74HC257 Datasheet
106Kb / 8P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
logo
Texas Instruments
SN54F258 TI1-SN54F258_12 Datasheet
79Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com