Electronic Components Datasheet Search
  English  ▼

X  

HD74HC258 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74HC258
Description  Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC258 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74HC258 Datasheet HTML 1Page - Renesas Technology Corp HD74HC258 Datasheet HTML 2Page - Renesas Technology Corp HD74HC258 Datasheet HTML 3Page - Renesas Technology Corp HD74HC258 Datasheet HTML 4Page - Renesas Technology Corp HD74HC258 Datasheet HTML 5Page - Renesas Technology Corp HD74HC258 Datasheet HTML 6Page - Renesas Technology Corp HD74HC258 Datasheet HTML 7Page - Renesas Technology Corp HD74HC258 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74HC258
Rev.2.00 Jan 31, 2006 page 2 of 7
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
8
Select
1A
1B
1Y
2A
2B
2Y
GND
Outputs
Outputs
Inputs
Inputs
VCC
4A
4B
4Y
3A
3B
3Y
16
15
14
13
12
11
10
9
1A
1B
1Y
2A
2B
2Y
G
4A
4B
4Y
3A
3B
S
3Y
Output
Output
Inputs
Inputs
Output
control
Logic Diagram
Select
Output
control
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
VCC
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com