Electronic Components Datasheet Search
  English  ▼

X  

STV6886 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV6886
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6886 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV6886 Datasheet HTML 21Page - STMicroelectronics STV6886 Datasheet HTML 22Page - STMicroelectronics STV6886 Datasheet HTML 23Page - STMicroelectronics STV6886 Datasheet HTML 24Page - STMicroelectronics STV6886 Datasheet HTML 25Page - STMicroelectronics STV6886 Datasheet HTML 26Page - STMicroelectronics STV6886 Datasheet HTML 27Page - STMicroelectronics STV6886 Datasheet HTML 28Page - STMicroelectronics STV6886 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
STV6886
25/43
2.2 PLL1
The PLL1 consists of a phase comparator, an ex-
ternal filter and a voltage-controlled oscillator
(VCO).The phase comparator is a “phase/frequen-
cy” type designed in CMOS technology. This kind
of phase detector avoids locking on wrong fre-
quencies. It is followed by a “charge pump”, com-
posed of two current sources : sunk and sourced
(typically I =1 mA when locked and I = 140
µA
when unlocked). This difference between lock/un-
lock allows smooth catching of the horizontal fre-
quency by PLL1. This effect is reinforced by an in-
ternal original slow down system when PLL1 is
locked, avoiding the horizontal frequency chang-
ing too quickly. The dynamic behavior of PLL1 is
fixed by an external filter which integrates the cur-
rent of the charge pump. A “CRC” filter is generally
used (see Figure 7 on page 25).
Figure 7.
The PLL1 is internally inhibited during extracted
vertical sync (if any) to avoid taking in account
missing pulses or wrong pulses on phase compa-
rator. Inhibition is obtained by stopping high and
low signals at the input of the charge pump block
(see Figure 8 on page 25).
Figure 8.
Figure 9.
PLL1F
7
1.8k
Ω
10nF
Extracted
Lock/Unlock
Status
VSync
PLL
INHIBITION
HPOSITION
PHASE
ADJUST
Low
High
LOCKDET
COMP1
CHARGE
PUMP
PLL1F
R0
C0
76
5
VCO
OSC
I2C
HPOS
Adj.
Extracted
VSync
1
INPUT
INTERFACE
H/HVIN
RS
FLIP FLOP
C0
5
1.6V
6.4V
4I0
I0
2
(1.4V<V7<4.9V)
PLL1F
(Loop Filter)
7
I0
6
R0
6.4V
0
0.875 TH
1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com