Electronic Components Datasheet Search
  English  ▼

X  

STV6886 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STV6886
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6886 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STV6886 Datasheet HTML 34Page - STMicroelectronics STV6886 Datasheet HTML 35Page - STMicroelectronics STV6886 Datasheet HTML 36Page - STMicroelectronics STV6886 Datasheet HTML 37Page - STMicroelectronics STV6886 Datasheet HTML 38Page - STMicroelectronics STV6886 Datasheet HTML 39Page - STMicroelectronics STV6886 Datasheet HTML 40Page - STMicroelectronics STV6886 Datasheet HTML 41Page - STMicroelectronics STV6886 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
STV6886
38/43
Figure 40. Demonstration Board
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
H/HV IN
VSYN CIN
HMOIRE/
HLOCK
PLL2C
C0
R0
PLL1F
H
HFOC US-
CAP
FOCUS
OUT
HGND
HFLY
HR EF
COMP
REGIN
ISENSE
+5V
SDA
SCL
VCC
B+OUT
GND
HOUT
XRAY
EWOUT
VOUT
VCAP
V
REF
VAGCCAP
VGND
BRE ATH
B+GND
POSITION
TP1
J11
TP13
TP17 J12
TP16
TP10
C7 22nF
C28
820pF 5%
R23
6.49k
Ω 1%
C1 3 10nF
C31 4.7
µF R36 1.8kΩ
C1 7 1
µF
C34
820pF 5%
HR EF
C3 3
10 0nF
C27
47
µF
C46
1nF
R50
1M
Ω
C51
100nF
JP1
R57
82 k
Ω
R51
1k
Ω
I
SENSE
GND
B+OUT
REG IN
C47
1 00pF
R58
10
Ω
+12V
C6 0
10 0nF
R77
15k
Ω
R74
10k
Ω
R73
1M
Ω
R75
10k
Ω
TP8
EHT
COMP
R76
47k
Ω
P1
10k
Ω
C ON4
J19
1
2
3
4
DYN
FOCUS
R24
10k
Ω
L
47µH
R25
1k
Ω
J9
HFLY
J8
C22
33pF
R8
10k
Ω
HOU T
C25
33pF
R1 0
10k
Ω
R35
10k
Ω
+12V
PC2
47k
Ω
CC4
47pF
+12V
CC1
100nF
CC 2
10
µF
+12V
CC3
47pF
PC1
47k
Ω
-12V
1
2
3
4
56
78
9
10
11
12
13
14
15
16
C50
10
µF
L3
22
µH
Q4
BC557
Q5
BC547
C2
10 0nF
C3
47
µF
470nF
C15
C12
150nF
+12V
R52
3 .9k
Ω
R45
33kΩ
R7
10kΩ
C49
100nF
HOUT
C48
10
µF
R53
1k
Ω
+12 V
R56
560k
Ω
D2
1N4148
+12V
C5
100
µF
C6
100nF
C30
100
µF
C32
100nF
L1
22
µH
+5V
J16 J15
+5V
R39
4.7k
Ω
R29
4.7k
Ω
R42
100
Ω
J14
12
3 4
C39
22pF
C40
22pF
R41
100
Ω
SCL
SDA
C38
33pF
C45
10
µF
R49
22k
Ω
+5V
TILT
J13
R43
10k
Ω
C42
1
µF
R30
10k
Ω
+5V
C4 3
47
µF
C37
33pF
X1
8MHz
1
2
3
4
5
6
7
8
9
10
11
12
1 3 14 15 16 17 18 19 20 21 22 23 24
E/W POWER STAGE
R38
2.2
Ω
3W
J1
E/W
R19
270k
Ω
C11 220pF
Q3
TIP122
R18
10k
Ω
R33
4 .7k
Ω
R9
47 0
Ω
R3 4
1k
Ω
Q1
BC557
Q2
BC557
R37
27k
Ω
R15
1k
Ω
R17
43k
Ω
C36
1
µF
+12V
J2
J3
J6
1
2
3
J18
VYOKE
R11
220
Ω
0.5W
R4
1
Ω
0.5W
R5
5.6
Ω
+12V
-12 V
TP3
TP4
TP6
TP7
C9
100nF
C14
470
µF
C10
100
µF
35V
D1
1n400 1
-12V
C10
470
µF
C8
100nF
C1
2 20nF
R3
1.5
Ω
C4
100nF
R2
5.6
Ω
IC1
TDA817 2
R40
36k
Ω
R1
12k
Ω
C41
470pF
VERTIC AL DEFLEC TION STAGE
J17
HOU T
C 16 (*)
STV6886
IC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com