Electronic Components Datasheet Search
  English  ▼

X  

AD9958 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9958
Description  2-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958 Datasheet(HTML) 1 Page - Analog Devices

  AD9958 Datasheet HTML 1Page - Analog Devices AD9958 Datasheet HTML 2Page - Analog Devices AD9958 Datasheet HTML 3Page - Analog Devices AD9958 Datasheet HTML 4Page - Analog Devices AD9958 Datasheet HTML 5Page - Analog Devices AD9958 Datasheet HTML 6Page - Analog Devices AD9958 Datasheet HTML 7Page - Analog Devices AD9958 Datasheet HTML 8Page - Analog Devices AD9958 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
2-Channel, 500 MSPS DDS
with 10-Bit DACs
AD9958
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005–2008 Analog Devices, Inc. All rights reserved.
FEATURES
2 synchronized DDS channels @ 500 MSPS
Independent frequency/phase/amplitude control between
channels
Matched latencies for frequency/phase/amplitude changes
Excellent channel-to-channel isolation (>72 dB)
Linear frequency/phase/amplitude sweeping capability
Up to 16 levels of frequency/phase/amplitude modulation
(pin-selectable)
2 integrated 10-bit digital-to-analog converters (DACs)
Individually programmable DAC full-scale currents
0.12 Hz or better frequency tuning resolution
14-bit phase offset resolution
10-bit output amplitude scaling resolution
Serial I/O port interface (SPI) with 800 Mbps data throughput
Software-/hardware-controlled power-down
Dual supply operation (1.8 V DDS core/3.3 V serial I/O)
Multiple device synchronization
Selectable 4× to 20× REFCLK multiplier (PLL)
Selectable REFCLK crystal oscillator
56-lead LFCSP
APPLICATIONS
Agile local oscillators
Phased array radars/sonars
Instrumentation
Synchronized clocking
RF source for AOTF
Single-side band suppressed carriers
Quadrature communications
FUNCTIONAL BLOCK DIAGRAM
RECONSTRUCTED
SINE WAVE
10-BIT
DAC
RECONSTRUCTED
SINE WAVE
10-BIT
DAC
(2)
500MSPS
DDS CORES
TIMING AND
CONTROL
USER INTERFACE
MODULATION CONTROL
REF CLOCK
INPUT CIRCUITRY
SYSTEM
CLOCK
SOURCE
AD9958
Figure 1.


Similar Part No. - AD9958

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9958 AD-AD9958 Datasheet
1Mb / 40P
2-Channel 500 MSPS DDS with 10-Bit DACs
9/05-Revision 0
AD9958 AD-AD9958 Datasheet
121Kb / 3P
Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD9958 AD-AD9958 Datasheet
810Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
11/2016-Rev. B to Rev. C
AD9958/PCB AD-AD9958/PCB Datasheet
1Mb / 40P
2-Channel 500 MSPS DDS with 10-Bit DACs
9/05-Revision 0
AD9958BCPZ AD-AD9958BCPZ Datasheet
1Mb / 40P
2-Channel 500 MSPS DDS with 10-Bit DACs
9/05-Revision 0
More results

Similar Description - AD9958

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9958 AD-AD9958 Datasheet
1Mb / 40P
2-Channel 500 MSPS DDS with 10-Bit DACs
9/05-Revision 0
AD9959 AD-AD9959 Datasheet
246Kb / 9P
4 Channel 500MSPS DDS with 10-bit DACs
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
11/2016-Rev. B to Rev. C
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
LVDS Interface, 500 MSPS DACs
8/2017-Rev. B to Rev. C
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com