Electronic Components Datasheet Search
  English  ▼

X  

AD9958 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9958
Description  2-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9958 Datasheet HTML 9Page - Analog Devices AD9958 Datasheet HTML 10Page - Analog Devices AD9958 Datasheet HTML 11Page - Analog Devices AD9958 Datasheet HTML 12Page - Analog Devices AD9958 Datasheet HTML 13Page - Analog Devices AD9958 Datasheet HTML 14Page - Analog Devices AD9958 Datasheet HTML 15Page - Analog Devices AD9958 Datasheet HTML 16Page - Analog Devices AD9958 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD9958
Rev. A | Page 13 of 44
–170
–160
–150
–140
–130
–120
–110
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
75.1MHz
100.3MHz
40.1MHz
15.1MHz
Figure 16. Residual Phase Noise (SSB) with fOUT = 15.1 MHz, 40.1MHz,
75.1 MHz, 100.3 MHz; fCLK = 500 MHz with REFCLK Multiplier Bypassed
–70
–170
10
10M
FREQUENCY OFFSET (Hz)
–80
–90
–100
–110
–120
–130
–140
–150
–160
100
1k
10k
100k
1M
100.3MHz
75.1MHz
15.1MHz
40.1MHz
Figure 17. Residual Phase Noise (SSB) with fOUT = 15.1 MHz, 40.1MHz,
75.1 MHz, 100.3 MHz; fCLK = 500 MHz with REFCLK Multiplier = 5×
–70
–170
10
10M
FREQUENCY OFFSET (Hz)
–80
–90
–100
–110
–120
–130
–140
–150
–160
100
1k
10k
100k
1M
100.3MHz
75.1MHz
15.1MHz
40.1MHz
Figure 18. Residual Phase Noise (SSB) with fOUT = 15.1 MHz, 40.1MHz,
75.1 MHz,100.3 MHz; fCLK = 500 MHz with REFCLK Multiplier = 20×
–60
–85
25.3
200.3
–65
–70
–75
–80
50.3
75.3
100.3
125.3
150.3
175.3
SEPARATED DAC POWER PLANES
SINGLE DAC POWER PLANE
FREQUENCY OF COUPLING SPUR (MHz)
Figure 19. Channel Isolation at 500 MSPS Operation; Conditions are Channel
of Interest Fixed at 110.3 MHz, the Other Channels Are Frequency Swept
600
0
500
REFERENCE CLOCK FREQUENCY (MHz)
500
400
300
200
100
450
400
350
300
250
200
150
100
50
2 CHANNELS ON
1 CHANNEL ON
Figure 20. Power Dissipation vs. Reference Clock Frequency vs. Channel(s)
Power On/Off
–45
–75
1.1
fOUT (MHz)
–50
–55
–60
–65
–70
15.1
40.1
75.1
100.3
200.3
SFDR AVERAGED
Figure 21. Averaged Channel SFDR vs. fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com