Electronic Components Datasheet Search
  English  ▼

X  

FS20VSJ-3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FS20VSJ-3
Description  High-Speed Switching Use Pch Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS20VSJ-3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FS20VSJ-3 Datasheet HTML 1Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 2Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 3Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 4Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 5Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 6Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.1.00, Aug.20.2004, page 1 of 6
FX20VSJ-3
High-Speed Switching Use
Pch Power MOS FET
REJ03G0273-0100
Rev.1.00
Aug.20.2004
Features
• Drive voltage : 4 V
• V
DSS : – 150 V
• r
DS(ON) (max) : 0.29
Ω
• I
D : – 20 A
• Recovery Time of the Integrated Fast Recovery Diode (TYP.) : 100 ns
Outline
TO-220S
1
1. Gate
2. Drain
3. Source
4. Drain
2, 4
3
1
2
3
4
Applications
Motor control, lamp control, solenoid control, DC-DC converters, etc.
Maximum Ratings
(Tc = 25°C)
Parameter
Symbol
Ratings
Unit
Conditions
Drain-source voltage
VDSS
–150
V
VGS = 0 V
Gate-source voltage
VGSS
±20
V
VDS = 0 V
Drain current
ID
–20
A
Drain current (Pulsed)
IDM
–80
A
Avalanche current (Pulsed)
IDA
–20
A
L = 30
µH
Source current
IS
–20
A
Source current (Pulsed)
ISM
–80
A
Maximum power dissipation
PD
70
W
Channel temperature
Tch
– 55 to +150
°C
Storage temperature
Tstg
– 55 to +150
°C
Mass
—
1.2
g
Typical value


Similar Part No. - FS20VSJ-3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS20VS-5 MITSUBISHI-FS20VS-5 Datasheet
42Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS20VS-5 POWEREX-FS20VS-5 Datasheet
47Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS20VS-5 RENESAS-FS20VS-5 Datasheet
97Kb / 5P
MITSUBISHI Nch POWER MOSFET
logo
Inchange Semiconductor ...
FS20VS-5 ISC-FS20VS-5 Datasheet
306Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS20VS-5 RENESAS-FS20VS-5_15 Datasheet
117Kb / 7P
HIGH-SPEED SWITCHING USE
More results

Similar Description - FS20VSJ-3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6ASJ-03 RENESAS-FX6ASJ-03_06 Datasheet
199Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX6ASJ-3 RENESAS-FX6ASJ-3 Datasheet
171Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX6KMJ-3 RENESAS-FX6KMJ-3 Datasheet
209Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX20ASJ-06 RENESAS-FX20ASJ-06 Datasheet
172Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX30KMJ-2 RENESAS-FX30KMJ-2 Datasheet
174Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX50KMJ-06 RENESAS-FX50KMJ-06 Datasheet
174Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX50SMJ-2 RENESAS-FX50SMJ-2 Datasheet
173Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX50SMJ-06 RENESAS-FX50SMJ-06 Datasheet
173Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX70KMJ-03 RENESAS-FX70KMJ-03 Datasheet
174Kb / 7P
High-Speed Switching Use Pch Power MOS FET
FX20ASJ-03F RENESAS-FX20ASJ-03F_15 Datasheet
98Kb / 6P
High-Speed Switching Use Pch Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com