Electronic Components Datasheet Search
  English  ▼

X  

FS20VSJ-3 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FS20VSJ-3
Description  High-Speed Switching Use Pch Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS20VSJ-3 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FS20VSJ-3 Datasheet HTML 1Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 2Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 3Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 4Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 5Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 6Page - Renesas Technology Corp FS20VSJ-3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FX20VSJ-3
Rev.1.00, Aug.20.2004, page 3 of 6
Performance Curves
Drain Power Dissipation Derating Curve
Case Temperature Tc (°C)
Maximum Safe Operating Area
Drain-Source Voltage VDS (V)
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
On-State Voltage vs.
Gate-Source Voltage (Typical)
Gate-Source Voltage VGS (V)
On-State Resistance vs.
Drain Current (Typical)
Drain Current ID (A)
0
20
40
60
80
100
0200
50
100
150
–2
–3
–100
–5
–7
–101
–2
–3
–5
–7
–102
–2
–3
–5
–7
–101 –2
–102
–3 –5 –7
–2
–103
–3 –5 –7
–2
–2 –3 –5 –7
–2
tw = 10
µs
100
µs
1ms
10ms
DC
0
– 2
– 4
– 6
– 8
–10
0
–1.0
–2.0
–3.0
– 4.0
–5.0
– 2.5V
VGS= –10V
0
– 4
– 8
–12
–16
–20
0– 2– 4– 6– 8
–10
– 3V
– 2.5V
PD = 70W
VGS =
–10V
0
– 2
– 4
– 6
– 8
–10
0
– 2
– 4
– 6
– 8
–10
–10A
– 20A
ID = – 30A
0
0.1
0.2
0.3
0.4
0.5
–100
–101
–2 –3
–5 –7
–102
–2 –3
–5 –7
VGS= – 4V
–10V
Tc = 25°C
Single Pulse
Tc = 25°C
Pulse Test
Tc = 25°C
Pulse Test
Tc = 25°C
Pulse Test
Tc = 25°C
Pulse Test
– 4V
– 6V
– 8V
– 4V
– 6V
– 3V
– 8V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com