Electronic Components Datasheet Search
  English  ▼

X  

STV8203D Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 6Page - STMicroelectronics STV8203D Datasheet HTML 7Page - STMicroelectronics STV8203D Datasheet HTML 8Page - STMicroelectronics STV8203D Datasheet HTML 9Page - STMicroelectronics STV8203D Datasheet HTML 10Page - STMicroelectronics STV8203D Datasheet HTML 11Page - STMicroelectronics STV8203D Datasheet HTML 12Page - STMicroelectronics STV8203D Datasheet HTML 13Page - STMicroelectronics STV8203D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
AVDD5
Analog Supply Voltage
7
V
DVDD5
Digital Supply Voltage
7
V
AVCC
Scart Interface Supply Voltage
9.5
V
Ptot
Power Total Dissipation
0.8
W
Toper
Operating Temperature
0, +70
oC
Tstg
Storage Temperature
-20, +150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-p)
Junction to Pins Thermal Resistance
Max.
SDIP42
TQFP44
55
68
°C/W
°C/W
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
AVDD5
Analog VDD
4.75
5.0
5.25
V
DVDD5
Digital VDD
4.75
5.0
5.25
V
AVCC
Audio Interface Supply
for 2VRMS outputs
for 1VRMS outputs
7.6
4.75
8.0
5.0
8.4
5.25
V
V
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
GENERAL
IAIN
Input Current on AVCC
AVCC =5V
AVCC =8V
58
75
mA
mA
IDIN
DVDD5 = 5V
120
mA
IF INPUTS
RIN
Input Resistance
6
k
CIN
Input Capacitance
10
pF
SWISO
Switch Isolation
f = 10MHz
40
dB
SIF FR
Input Frequency Range
For FM demodulation
4
8
MHz
VIN (Min.)
VIN (Max.)
Minimum Input Level
Maximum Input Level
25
630
mVRMS
mVRMS
AGC
AGC Range
28
dB
STV8203
10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com