Electronic Components Datasheet Search
  English  ▼

X  

STV8203D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 5 Page - STMicroelectronics

  STV8203D Datasheet HTML 1Page - STMicroelectronics STV8203D Datasheet HTML 2Page - STMicroelectronics STV8203D Datasheet HTML 3Page - STMicroelectronics STV8203D Datasheet HTML 4Page - STMicroelectronics STV8203D Datasheet HTML 5Page - STMicroelectronics STV8203D Datasheet HTML 6Page - STMicroelectronics STV8203D Datasheet HTML 7Page - STMicroelectronics STV8203D Datasheet HTML 8Page - STMicroelectronics STV8203D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
FUNCTIONAL DESCRIPTION
As can be seen from the block diagram, the input to
the demodulator section is selectable from one of
two I.F. sources via the I
2C bus. The selectedsignal
is then passed through an AGC block, having a
range of 28dB, before being digitised in the
ADC unit. A single quartz crystal (suggested value :
between 24.712MHzand 27MHz) is used for the all
thedigital processing, including demodulation,iden-
tification, control, filtering. This has the advantage
of a singleclock signalsource for the whole IC which
eliminates problems of multiple clock. The single
clock can be chosen to minimize interference in the
TV IF and RF stages of the tuner system.
The demodulatorsystem can identify and demodu-
late all the standarddescribedin the Table1. There-
sult of the recognition is flagged up to the host
system via the I
2C bus communication system.
In the case of NICAM transmissions, in the event
of a failure of the received signal or a degradation
of the bit error rate (BER) below a prescribed level,
the system will automatically default to the reserve
sound transmission on mono FM or AM.
For FM demodulation, the discriminator can nor-
mallyhandle signals having 250kHz deviation. This
covers all European standards, and ensure an
optimized compromise for the signal to noise ratio
in one hand, and overmodulation in the other hand.
However, it is possible to extand the deviation
range up to 500kHz (I
2C programmable)in order to
cover requests of some broadcasters.
Fully automatic standard recognition and setting
can be achieve using simple routines.
Appropriate de-emphasis networks in the digital
domain are applied to the resulting demodulated
signals (50
µs, J17), followed by dematrixing if re-
quired. The digital datastream is then passed
through 2 x 16bits DACs before the audio matrix.
All this first section is working at 3.3V thanks to an
integrated voltage regulator. In stand-by mode, the
voltage regulator pulls the voltage down to zero,
ensuring no power dissipation in this part.
An audio matrix allows the selection of inputs ap-
plied on the outputsSCART1, SCART2 and MONO
according to the diagram shown in Figure 1.
The ”MOUT” outputs either the signal L1, or R1 or
(L1+R1)/2. This allows to record the selected chan-
nel in mono mode, for example on the linear chan-
nel of a VCR simultanously with the stereo mode.
Maximum output swing is 1VRMS.
The audio matrix section has its own power supply
regulator, allowing to keep this part working even
when the rest is in stand-by mode. This achieves a
”THRU” mode from input ”SCART1” to output
”SCART2” andinput”SCART2” to output”SCART1”.
The maximum output swing of both SCART1 and
SCART2 is 2VRMS.
Remark : Circuit operation is possible with only a
single 5V supply. In this case, the AVCC supply pin
is connected to 5V. Maximum output swing is then
limited to 1VRMS and a 6dB attenuationis automat-
ically added to the DAC output. In that case, the
resistor shown as R2 = 39
Ω in the ApplicationDia-
gram (between Pin 8 and Pin 21) must be replace
by a short circuit to avoid clipping.
MUTE
MUTE
L1, R1,
(L1 + R1)/2
SELECTOR
MOUT
AO1(SCART1)
MUTE
DAC
MIN
LI1(SCART1)
2
2
2
2
2
S1
S2
GAIN
± 6dB
LI2(SCART2)
AO2(SCART2)
L1/R1
L2/R2
Figure 1 : Audio Matrix
STV8203
5/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com