Electronic Components Datasheet Search
  English  ▼

X  

HA12229F Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA12229F
Description  Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12229F Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA12229F Datasheet HTML 9Page - Renesas Technology Corp HA12229F Datasheet HTML 10Page - Renesas Technology Corp HA12229F Datasheet HTML 11Page - Renesas Technology Corp HA12229F Datasheet HTML 12Page - Renesas Technology Corp HA12229F Datasheet HTML 13Page - Renesas Technology Corp HA12229F Datasheet HTML 14Page - Renesas Technology Corp HA12229F Datasheet HTML 15Page - Renesas Technology Corp HA12229F Datasheet HTML 16Page - Renesas Technology Corp HA12229F Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
HA12228F/HA12229F
Rev.2.00 Jun 15, 2005 page 13 of 48
The Tolerances of External Components for Dolby NR (Only HA12228F)
For adequate Dolby NR tracking response, take external components shown below.
Also, leak is small capacity, and please employ a good quality object.
23
DET(R)
HA12228F
5
R10
18k
Ω
±2%
BIAS
C14
0.1
µF
±10%
8
C7
0.1
µF
±10%
DET(L)
Figure 6 Tolerance of External Components
Countermeasure of a Cellular Phone Noise
This IC have reinforced a cellular phone noise countermeasure, to show it hereinafter.
However, it is presumed that this effect change it greatly, by a mount set.
Please sufficiently examine an arrangement of positions, shield method, wiring pattern, in order to oftain a maximum
effect.
A high terminal of a noise sensitivity of this IC is FIN, RIN, NFI and RIP.
Test condition
• Use for SG by cellular radio for an evaluation use.
• SG output mode
PDC system, burst
UP Tch (Transmission mode on the side of a movement machine)
• To evaluate a capacitor of 1000 pF as connecting with it directly.
• About EQOUT output, what you measure through DIN/AUDIO filter.
Note:
ref
EQOUT
−
+
HA12228F
NFI
SG
FIN
1000 p
AC VM
wait DIN/AUDIO
0.01
µ
M-OUT
180
270 k
13 k
Figure 7 Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com