Electronic Components Datasheet Search
  English  ▼

X  

HA12229F Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HA12229F
Description  Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12229F Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HA12229F Datasheet HTML 15Page - Renesas Technology Corp HA12229F Datasheet HTML 16Page - Renesas Technology Corp HA12229F Datasheet HTML 17Page - Renesas Technology Corp HA12229F Datasheet HTML 18Page - Renesas Technology Corp HA12229F Datasheet HTML 19Page - Renesas Technology Corp HA12229F Datasheet HTML 20Page - Renesas Technology Corp HA12229F Datasheet HTML 21Page - Renesas Technology Corp HA12229F Datasheet HTML 22Page - Renesas Technology Corp HA12229F Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
HA12228F/HA12229F
Rev.2.00 Jun 15, 2005 page 19 of 48
Characteristic Curves
Frequency (Hz)
Decode Cut vs. Frequency (HA12228F)
0
−4
−8
−6
−2
−10
−12
100
1k
10k
20k
0dB
−10dB
−40dB
−30dB
−20dB
VCC = 9 V
TAI
→PBOUT
NR-ON
Supply Voltage (V)
Quiescent Current vs. Supply Voltage (HA12228F)
6
910
11
12
8
7
13
13
12
11
10
7
9
8
6
No signal
all "L"
120
µ
NR-ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com