Electronic Components Datasheet Search
  English  ▼

X  

HA12223F Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HA12223F
Description  Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12223F Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HA12223F Datasheet HTML 35Page - Renesas Technology Corp HA12223F Datasheet HTML 36Page - Renesas Technology Corp HA12223F Datasheet HTML 37Page - Renesas Technology Corp HA12223F Datasheet HTML 38Page - Renesas Technology Corp HA12223F Datasheet HTML 39Page - Renesas Technology Corp HA12223F Datasheet HTML 40Page - Renesas Technology Corp HA12223F Datasheet HTML 41Page - Renesas Technology Corp HA12223F Datasheet HTML 42Page - Renesas Technology Corp HA12223F Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
HA12216F/HA12221F Series
Rev.6.00 Jun 15, 2005 page 39 of 52
Output Level Vout (dB)
Total Harmonic Distortion vs. Output Level (HA12221F) (1)
−15
05
10
15
−5
−10
20
10
1
0.1
0.01
VCC = 9.0V
TAI
→PBOUT
0dB = 300mVrms
100Hz (30kHz LPF)
1kHz (400Hz HPF + 30kHz LPF)
10kHz (400Hz HPF + 80kHz LPF)
VCC = 9.0V
RAI
→PBOUT
0dB = 300mVrms
100Hz (30kHz LPF)
1kHz (400Hz HPF + 30kHz LPF)
10kHz (400Hz HPF + 80kHz LPF)
Output Level Vout (dB)
Total Harmonic Distortion vs. Output Level (HA12221F) (2)
−15
05
10
15
−5
−10
20
10
1
0.1
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com