Electronic Components Datasheet Search
  English  ▼

X  

HA12223F Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HA12223F
Description  Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12223F Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HA12223F Datasheet HTML 15Page - Renesas Technology Corp HA12223F Datasheet HTML 16Page - Renesas Technology Corp HA12223F Datasheet HTML 17Page - Renesas Technology Corp HA12223F Datasheet HTML 18Page - Renesas Technology Corp HA12223F Datasheet HTML 19Page - Renesas Technology Corp HA12223F Datasheet HTML 20Page - Renesas Technology Corp HA12223F Datasheet HTML 21Page - Renesas Technology Corp HA12223F Datasheet HTML 22Page - Renesas Technology Corp HA12223F Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
HA12216F/HA12221F Series
Rev.6.00 Jun 15, 2005 page 19 of 52
HA12221F Series
LPF
DET
−
+
−
+
−
+
31
21
22
23
24
NC
NC
NC
PBOUT (L)
EQOUT (L)
NC
NC
PBOUT (R)
TAP/RAD (Mute)
NC
NC
25
26
27
28
29
30
R23
18k
R25
180
C18
0.01
µ
120/70
10
9
8
NC
NC
7
6
5
4
3
2
1
32
33 RIP
RIN (L)
GND
F/R
120/70
Vref
F/R
T/R
SW5
T/R
34
GND
35
36
37
38
39
40
20
19
18
17
16
15
14
13
12
11
R26
680
R19
10k
C19
22
µ
R22
12k
R21
5.1k
R6
12k
R5
18k
R24
330k
C17
0.1
µ
R4
330k
EQOUT (R)
MSOUT
S/R (MS Gv)
F/R
120/70
FIN (L)
R27
680
C21
22
µ
TAI (L)
FIN (R)
R1
680
C1
22
µ
C3
0.01
µ
RIN (R)
R2
680
C2
22
µ
R3
180
C20
1
µ
R29
10k
C16
0.47
µ
R20
5.1k
R7
5.1k
C4
0.1
µ
C5
0.47
µ
R8
5.1k
C15
2.2
µ
C12
1
µ
R16
2.4k
R15
330k
C11
0.01
µ
C22
100
µ
C10
0.33
µ
C8
22
µ
C3
0.01
µ
C24
0.47
µ
RAI (L)
RAI (R)
TAI (R)
MSOUT
SW4
SW3
SW1
R18
10k
R9
10k
R28
10k
C6
2.2
µ
C23
0.47
µ
R11
10k
R14
3.9k
R17
24k
+
+
+
+
R12
22k
Note: 1.
2.
3.
Resistor tolerance
±1%
Capacitor tolerance
±1%
Unit R:
Ω, C: F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com