Electronic Components Datasheet Search
  English  ▼

X  

HA16108P Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA16108P
Description  PWM Switching Regulator for High-performance Voltage Mode Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16108P Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA16108P Datasheet HTML 9Page - Renesas Technology Corp HA16108P Datasheet HTML 10Page - Renesas Technology Corp HA16108P Datasheet HTML 11Page - Renesas Technology Corp HA16108P Datasheet HTML 12Page - Renesas Technology Corp HA16108P Datasheet HTML 13Page - Renesas Technology Corp HA16108P Datasheet HTML 14Page - Renesas Technology Corp HA16108P Datasheet HTML 15Page - Renesas Technology Corp HA16108P Datasheet HTML 16Page - Renesas Technology Corp HA16108P Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
HA16107P/FP, HA16108P/FP
Rev.4.00 Jun 15, 2005 page 13 of 39
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Rating Value
Units
Notes
Supply voltage
VIN
30
V
Output current (DC)
IO
±0.2
A
Output current (peak)
Iopeak
±2
A
Current limiter voltage
VCL
+4, –1
V
Error amp input voltage
VIEA
Vref
V
E/O output voltage
VIE/O
Vref
V
RT1 pin current
IRT1
500
µA
RT2 pin current
IRT2
5
mA
Power dissipation
PT
680
mW
1, 2
Operating temperature range
Topr
–20 to +85
°C
Storage temperature range
Tstg
–55 to +125
°C
Notes: 1. For the “FP” products (SOP package), this value is when mounted on a 40 by 40 by 1.6 mm glass epoxy
substrate. However, this value must be derated by 8.3 mW/
°C from Ta = 45°C. When the wiring density is
10%, and 11.1 mW/°C from Ta = 64
°C when the wiring density is 30%.
2. For the “P” products (DIP package), this value is valid up to 45
°C, and must be derated by
8.3 mW/°C above 45
°C.
3. In the case of SOP, use center 4 pins, (4), (5), (12), (13) for solder-mounting and connect the wide ground
pattern, because these pins are available for heat sink of this IC.
700
600
500
400
300
200
100
−20
0
20
40
60
80
100
120
140
45
°C64°C
30% Wiring density
10% Wiring density
Ambient temperature Ta (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com