Electronic Components Datasheet Search
  English  ▼

X  

HA16108P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA16108P
Description  PWM Switching Regulator for High-performance Voltage Mode Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16108P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA16108P Datasheet HTML 1Page - Renesas Technology Corp HA16108P Datasheet HTML 2Page - Renesas Technology Corp HA16108P Datasheet HTML 3Page - Renesas Technology Corp HA16108P Datasheet HTML 4Page - Renesas Technology Corp HA16108P Datasheet HTML 5Page - Renesas Technology Corp HA16108P Datasheet HTML 6Page - Renesas Technology Corp HA16108P Datasheet HTML 7Page - Renesas Technology Corp HA16108P Datasheet HTML 8Page - Renesas Technology Corp HA16108P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
HA16107P/FP, HA16108P/FP
Rev.4.00 Jun 15, 2005 page 2 of 39
Ordering Information
Typical Threshold Voltage
Product
UVL1
OVP
Notes
Package Code
(Previous Code)
HA16107P
DP-16
HA16107FP
Hi: 16.2 V
Lo: 9.5 V
7.0 V
Timer latch protection
PRSP0016DH-A
(FP-16DA)
HA16108P
DP-16
HA16108FP
Hi: 16.2 V
Lo: 9.5 V
Hi: 7.0 V
Lo: 1.3 V
On-off timer
protection
PRSP0016DH-A
(FP-16DA)
Pin Arrangement
VIN
OUT
CL(+)
VE
CL(
−)
RT1
CT
RT2
TL, ON/OFF
E/O
IN(
−)
NC
GND
IN(+)
ST
Vref
(Top view)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Note 1
Note 2
Notes: 1.
2.
In the SOP package models (HA16107FP and HA16108FP) pins 4, 5, and 13 are connected
inside the IC. However, all must be connected to the system ground.
Pin 16 is TL (HA16107), ON/OFF (HA16108).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com