Electronic Components Datasheet Search
  English  ▼

X  

BB302M Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BB302M
Description  Built in Biasing Circuit MOS FET IC VHF RF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB302M Datasheet(HTML) 1 Page - Renesas Technology Corp

  BB302M Datasheet HTML 1Page - Renesas Technology Corp BB302M Datasheet HTML 2Page - Renesas Technology Corp BB302M Datasheet HTML 3Page - Renesas Technology Corp BB302M Datasheet HTML 4Page - Renesas Technology Corp BB302M Datasheet HTML 5Page - Renesas Technology Corp BB302M Datasheet HTML 6Page - Renesas Technology Corp BB302M Datasheet HTML 7Page - Renesas Technology Corp BB302M Datasheet HTML 8Page - Renesas Technology Corp BB302M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.4.00 Aug 10, 2005 page 1 of 9
BB302M
Built in Biasing Circuit MOS FET IC
VHF RF Amplifier
REJ03G0825-0400
(Previous ADE-208-572B)
Rev.4.00
Aug.10.2005
Features
• Built in Biasing Circuit; To reduce using parts cost & PC board space.
• Low noise characteristics;
(NF = 1.7 dB typ. at f = 200 MHz)
• Withstanding to ESD;
Built in ESD absorbing diode. Withstand up to 240V at C=200pF, Rs=0 conditions.
• Provide mini mold packages; MPAK-4(SOT-143Rmod)
Outline
RENESAS Package code: PLSP0004ZA-A
(Package name: MPAK-4)
1
4
3
2
1. Source
2. Gate1
3. Gate2
4. Drain
Notes:
1.
Marking is “BW –”.
2.
BB302M is individual type number of RENESAS BBFET.


Similar Part No. - BB302M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB302M HITACHI-BB302M Datasheet
61Kb / 11P
Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB302M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1010 RENESAS-TBB1010_06 Datasheet
93Kb / 8P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016 Datasheet
104Kb / 10P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
BB301C RENESAS-BB301C Datasheet
271Kb / 8P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB301M RENESAS-BB301M Datasheet
181Kb / 8P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB304C RENESAS-BB304C Datasheet
217Kb / 10P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB304M RENESAS-BB304M Datasheet
301Kb / 10P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB305C RENESAS-BB305C Datasheet
213Kb / 10P
Built in Biasing Circuit MOS FET IC VHF RF Amplifier
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_11 Datasheet
121Kb / 10P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_15 Datasheet
182Kb / 11P
Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com