Electronic Components Datasheet Search
  English  ▼

X  

BB302M Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BB302M
Description  Built in Biasing Circuit MOS FET IC VHF RF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB302M Datasheet(HTML) 2 Page - Renesas Technology Corp

  BB302M Datasheet HTML 1Page - Renesas Technology Corp BB302M Datasheet HTML 2Page - Renesas Technology Corp BB302M Datasheet HTML 3Page - Renesas Technology Corp BB302M Datasheet HTML 4Page - Renesas Technology Corp BB302M Datasheet HTML 5Page - Renesas Technology Corp BB302M Datasheet HTML 6Page - Renesas Technology Corp BB302M Datasheet HTML 7Page - Renesas Technology Corp BB302M Datasheet HTML 8Page - Renesas Technology Corp BB302M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BB302M
Rev.4.00 Aug 10, 2005 page 2 of 9
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDS
12
V
Gate1 to source voltage
VG1S
+10
–0
V
Gate2 to source voltage
VG2S
±10
V
Drain current
ID
25
mA
Channel power dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
12
—
—
V
ID = 200
µA, VG1S = VG2S = 0
Gate1 to source breakdown voltage
V(BR)G1SS
+10
—
—
V
IG1 = +10
µA, VG2S = VDS = 0
Gate2 to source breakdown voltage
V(BR)G2SS
±10
—
—
V
IG2 = ±10
µA, VG1S = VDS = 0
Gate1 to source cutoff current
IG1SS
—
—
+100
nA
VG1S = +9 V, VG2S = VDS = 0
Gate2 to source cutoff current
IG2SS
—
—
±100
nA
VG2S = ±9 V, VG1S = VDS = 0
Gate1 to source cutoff voltage
VG1S(off)
0.4
—
1.0
V
VDS = 9 V, VG2S = 6 V
ID = 100
µA
Gate2 to source cutoff voltage
VG2S(off)
0.4
—
1.0
V
VDS = 9 V, VG1S = 9 V
ID = 100
µA
Drain current
ID(op)
9
13
18
mA
VDS = 9 V, VG1 = 9 V
VG2S = 6 V, RG = 120 k
Ω
Forward transfer admittance
|yfs|
15
20
—
mS
VDS = 9 V, VG1 = 9 V, VG2S = 6 V
RG = 120 k
Ω, f = 1 kHz
Input capacitance
Ciss
2.2
3.0
4.0
pF
VDS = 9 V, VG1 = 9 V
Output capacitance
Coss
0.8
1.1
1.5
pF
VG2S = 6 V, RG = 120 k
Ω
Reverse transfer capacitance
Crss
—
0.017
0.04
pF
f = 1 MHz
Power gain
PG
22
26
—
dB
VDS = 9 V, VG1 = 9 V, VG2S = 6 V
Noise figure
NF
—
1.7
2.2
dB
RG = 120 k
Ω, f = 200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com