Electronic Components Datasheet Search
  English  ▼

X  

BB502C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BB502C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB502C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button BB502C Datasheet HTML 2Page - Renesas Technology Corp BB502C Datasheet HTML 3Page - Renesas Technology Corp BB502C Datasheet HTML 4Page - Renesas Technology Corp BB502C Datasheet HTML 5Page - Renesas Technology Corp BB502C Datasheet HTML 6Page - Renesas Technology Corp BB502C Datasheet HTML 7Page - Renesas Technology Corp BB502C Datasheet HTML 8Page - Renesas Technology Corp BB502C Datasheet HTML 9Page - Renesas Technology Corp BB502C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BB502C
Rev.6.00 Apr 27, 2006 page 6 of 10
0
12
3
4
5
30
24
18
12
6
VDS = 5 V
RG = 180 kΩ
f = 1 kHz
0
12
3
4
5
30
24
18
12
6
VDS = 5 V
RG = 270 kΩ
f = 1 kHz
Gate1 Voltage VG1 (V)
Forward Transfer Admittance
vs. Gate1 Voltage
Gate1 Voltage VG1 (V)
Forward Transfer Admittance
vs. Gate1 Voltage
VG2S = 1 V
4 V
3 V
2 V
VG2S = 1 V
4 V
3 V
0
510
15
20
4
3
2
1
0
100
200
500
1000
0
5
10
15
20
30
25
20
15
10
5
0
100
1000
200
500
30
25
20
15
10
5
0
VDS = VG1 = 5 V
VG2S = 4 V
RG = variable
f = 900 MHz
4
3
2
1
0
VDS = VG1 = 5 V
VG2S = 4 V
RG = variable
f = 900 MHz
Drain Current ID (mA)
Gate Resistance RG (kΩ)
Noise Figure vs. Gate Resistance
Gate Resistance RG (kΩ)
Power Gain vs. Gate Resistance
Drain Current ID (mA)
Power Gain vs. Drain Current
Noise Figure vs. Drain Current
VDS = VG1 = 5 V
VG2S = 4 V
f = 900 MHz
VDS = VG1 = 5 V
VG2S = 4 V
f = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com