Electronic Components Datasheet Search
  English  ▼

X  

M35076-XXXSP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M35076-XXXSP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35076-XXXSP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M35076-XXXSP Datasheet HTML 25Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 26Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 27Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 28Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 29Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 30Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 31Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 32Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
MITSUBISHI MICROCOMPUTERS
M35076-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
28
Fig. 15 Start state / Stop state
Fig. 16 Control byte configuration
DATA INPUT 2
(1) The I2C-Bus communication function (at VDD=5V only)
This IC has a built-in data transmission interface which utilizes
2 unidirectional buses. In communications, this IC functions as
__
a slave reception device. Set CS pin to “H” level at the I2C-Bus
serial input communication.
The IC is synchronized with the serial clock (SCL) sent from
the master device and receives the data (SDA). Communica-
tions are controlled from the start/stop states. Also, always in-
put the control byte after attaining the start state.
The below chart shows the start/stop state and control byte
configuration.
SCL
SDA
Start state
Stop state
Data receive
Data modify
enable
Note1. Connect to VDD with CS pin.
Control byte: 7C16(Fixed)
Slave address
R/W
011
1
110
0
(0: Written)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com