Electronic Components Datasheet Search
  English  ▼

X  

M35076-XXXSP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M35076-XXXSP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35076-XXXSP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M35076-XXXSP Datasheet HTML 28Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 29Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 30Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 31Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 32Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 33Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 34Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 35Page - Renesas Technology Corp M35076-XXXSP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
MITSUBISHI MICROCOMPUTERS
M35076-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
31
Max.
5.25
3.50
VDD
VDD
0.2VDD
0.3VDD
80.0
40.0
110.0
110.0
130.0
60.0
Parameter
Supply voltage
“L” level input voltage
Oscillating frequency
for display
Horizontal synchronous signal input frequeney
Unit
V
mA
V
V
k
Ω
V
Min.
4.75
—
3.5
—
10
0.6VDD
Parameter
Supply voltage
Supply current
“H” level output voltage
“L” level output voltage
__
__
Pull-up resistance AC, CS
External clock input width
Test conditions
Ta = –20 to +85°C
VDD = 5.00V
VDD = 4.75V, IOH = -0.4mA
VDD = 4.75V, IOH = -0.05mA
VDD = 4.75V, IOL = 0.4mA
VDD = 4.75V, IOL = 0.05mA
VDD = 4.75V, IOL = 3.0mA
VDD = 5.00V
4.75V
≤ VDD ≤ 5.25V
Unit
V
V
V
V
V
V
MHz
MHz
MHz
MHz
kHz
kHz
Symbol
VDD
VIH
VIL
FOSC
H.sync
Symbol
VDD
VI
VO
Pd
Topr
Tstg
ABSOLUTE MAXIMUM RATINGS (VDD = 5.00V, Ta = –20 to +85°C, unless otherwise noted)
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
With respect to VSS.
Ta = +25°C
Ratings
–0.3 to +6.0
VSS –0.3
≤ VI ≤ VDD +0.3
VSS
≤ VO ≤ VDD
+300
–20 to +85
–40 to +125
Unit
V
V
V
mW
°C
°C
Typ.
5.0
3.0
VDD
VDD
0
0
—
—
—
—
—
—
Min.
4.75
2.50
0.8VDD
0.7VDD
0
0
6.3
6.3
20.0
20.0
15.0
15.0
Limits
RECOMMENDED OPERATING CONDITIONS (VDD = 5.00V, Ta = –20 to +85°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS 1 VDD=5V (VDD = 5.00V, Ta = 25°C, unless otherwise noted)
Symbol
VDD
IDD
VOH
VOL
RI
VTCK
Limits
Max.
5.25
60
—
0.4
100
0.9VDD
P0 to P7 (Note1)
CPOUT
P0 to P7 (Note2)
CPOUT
SIN/SDA
Typ.
5.0
40
—
—
30
—
SCK/SCL, SIN/SDA
“H” level input voltage
__
__
AC, CS, HOR, VERT
SCK/SCL, SIN/SDA
__
__
AC, CS, HOR, VERT
Notes 1. The current from the IC must not exceed – 0.4 mA/port at any of the port pins (P0 to P7).
2. The current flowing into the IC must not exceed 0.4 mA/port at any of port pins (P0 to P7).
Internal clock mode
External clock mode 1
External clock mode 2
5V
3V
VDD = 4.75 to 5.25 V
VDD = 2.50 to 3.50 V
VDD = 4.75 to 5.25 V
VDD = 4.75 to 5.25 V
VDD = 4.75 to 5.25 V
VDD = 2.50 to 3.50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com