Electronic Components Datasheet Search
  English  ▼

X  

M37220M3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M37220M3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37220M3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M37220M3 Datasheet HTML 1Page - Renesas Technology Corp M37220M3 Datasheet HTML 2Page - Renesas Technology Corp M37220M3 Datasheet HTML 3Page - Renesas Technology Corp M37220M3 Datasheet HTML 4Page - Renesas Technology Corp M37220M3 Datasheet HTML 5Page - Renesas Technology Corp M37220M3 Datasheet HTML 6Page - Renesas Technology Corp M37220M3 Datasheet HTML 7Page - Renesas Technology Corp M37220M3 Datasheet HTML 8Page - Renesas Technology Corp M37220M3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
P06/INT2/A-D4
XOUT
HSYNC
VSYNC
P00/PWM0
P01/PWM1
P02/PWM2
P03/PWM3
P04/PWM4
P05/PWM5
P07/INT1
P23/TIM3
P24/TIM2
P25
P26
P27
D-A
P32
CNVSS
XIN
VSS
P52/R
P53/G
P54/B
P55/OUT
P20/SCLK
P21/SOUT
P22/SIN
P10
P11
P12
P13
P14
P15/A-D1/INT3
P16/A-D2
P30/A-D5/DA1
P31/A-D6/DA2
RESET
OSC1/P33
OSC2/P34
VCC
P17/A-D3
PIN CONFIGURATION (TOP VIEW)
DESCRIPTION
The M37220M3-XXXSP is a single-chip microcomputer designed with
CMOS silicon gate technology. It is housed in a 42-pin shrink plastic
molded DIP.
In addition to their simple instruction sets, the ROM, RAM and I/O
addresses are placed on the same memory map to enable easy pro-
gramming.
The M37220M3-XXXSP has a PWM output function and a OSD dis-
play function, so it is useful for a channel selection system for TV.
FEATURES
• Number of basic instructions .....................................................71
• Memory size
ROM ........................................................ 12 K bytes
RAM ......................................................... 256 bytes
ROM for display......................................... 4 K bytes
RAM for display .......................................... 80 bytes
• The minimum instruction execution time
.......................................... 0.5
µs (at 8 MHz oscillation frequency)
• Power source voltage .................................................. 5 V ± 10 %
• Power dissipation ............................................................. 165 mW
(at 8 MHz oscillation frequency, VCC=5.5V, at CRT display)
• Subroutine nesting ....................................... 96 levels (maximum)
• Interrupts ....................................................... 13 types, 13 vectors
• 8-bit timers .................................................................................. 4
• Programmable I/O ports (Ports P0, P1, P2, P30–P32) .............. 27
• Input ports (Ports P33, P34) ......................................................... 2
• Output ports (Ports P52–P55) ...................................................... 4
• 12 V withstand ports ....................................................................6
• LED drive ports ........................................................................... 4
• Serial I/O ............................................................ 8-bit ! 1 channel
• A-D comparator (6-bit resolution) ................................ 6 channels
• D-A converter (6-bit resolution) ...................................................2
• PWM output circuit ......................................... 14-bit ! 1, 8-bit ! 6
• CRT display function
Number of display characters ................ 24 characters ! 2 lines
(16 lines maximum)
Kinds of characters ..................................................... 128 kinds
Dot structure .......................................................... 12 ! 16 dots
Kinds of character sizes .................................................. 3 kinds
Kinds of character colors (It can be specified by the character)
maximum 7 kinds (R, G, B)
Kinds of raster colors (maximum 7 kinds)
Display position
Horizontal .................................................................. 64 levels
Vertical .................................................................... 128 levels
Bordering (horizontal and vertical)
APPLICATION
TV
Outline 42P4B
MITSUBISHI MICROCOMPUTERS
M37220M3-XXXSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com