Electronic Components Datasheet Search
  English  ▼

X  

M37220M3 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M37220M3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37220M3 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M37220M3 Datasheet HTML 17Page - Renesas Technology Corp M37220M3 Datasheet HTML 18Page - Renesas Technology Corp M37220M3 Datasheet HTML 19Page - Renesas Technology Corp M37220M3 Datasheet HTML 20Page - Renesas Technology Corp M37220M3 Datasheet HTML 21Page - Renesas Technology Corp M37220M3 Datasheet HTML 22Page - Renesas Technology Corp M37220M3 Datasheet HTML 23Page - Renesas Technology Corp M37220M3 Datasheet HTML 24Page - Renesas Technology Corp M37220M3 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
MITSUBISHI MICROCOMPUTERS
M37220M3-XXXSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
20
Inside of
with the others.
PWM1 register (Address : 00D116)
1/2
XIN
PWM timing
generating
circuit
PWM register
(Address : 00D016)
b7
b0
8
8-bit PWM circuit
PN3
P00
PW2
D00
PWM0
P01
PW3
D01
PWM1
P02
PW4
D02
PWM2
P03
PW5
D03
PWM3
P04
PW6
D04
PWM4
P05
PW7
D05
PWM5
14-bit PWM circuit
PN2
PN4
PW1
DA
MSB
DA-H register
(Address : 00CE16)
DA latch
(14 bits)
DA-L register (Note)
(Address : 00CF16)
LSB
8
6
14
6
D-A
PWM2 register (Address : 00D216)
PWM3 register (Address : 00D316)
PWM4 register (Address : 00D416)
PWM5 register (Address : 00F616)
Data bus
Selection gate :
PW
PWM output control register 1
PN
PWM output control register 2
PW0
b7
b0
Connected to
black colored
side when reset.
is as same contents
Pass gate
P0 : Port P0 register
Note: The DA-L register also functions as the low-order 6 bits of the DA latch.
D0
Port P0 direction register
LSB
Table 2. Relation between the low-order 6-bit data and high-level
area increase interval
Area longer by
τ than that of other tm (m = 0 to 63)
Nothing
m = 32
m = 16, 48
m = 8, 24, 40, 56
m = 4, 12, 20, 28, 36, 44, 52, 60
m = 2, 6, 10, 14, 18, 22, 26, 30, 34, 38, 42, 46, 50, 54, 58, 62
m = 1, 3, 5, 7, ................................ 57, 59, 61, 63
Low-order 6 bits of data
0 0 0 0 0 0
0 0 0 0 0 1
0 0 0 0 1 0
0 0 0 1 0 0
0 0 1 0 0 0
0 1 0 0 0 0
1 0 0 0 0 0
Fig. 13. PWM block diagram
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com