Electronic Components Datasheet Search
  English  ▼

X  

M37270EFSP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M37270EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37270EFSP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37270EFSP Datasheet HTML 5Page - Renesas Technology Corp M37270EFSP Datasheet HTML 6Page - Renesas Technology Corp M37270EFSP Datasheet HTML 7Page - Renesas Technology Corp M37270EFSP Datasheet HTML 8Page - Renesas Technology Corp M37270EFSP Datasheet HTML 9Page - Renesas Technology Corp M37270EFSP Datasheet HTML 10Page - Renesas Technology Corp M37270EFSP Datasheet HTML 11Page - Renesas Technology Corp M37270EFSP Datasheet HTML 12Page - Renesas Technology Corp M37270EFSP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
MITSUBISHI MICROCOMPUTERS
M37270MF-XXXSP
M37270EF-XXXSP, M37270EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
8
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The M37270MF-XXXSP uses the standard 740 family instruction set.
Refer to the table of 740 family addressing modes and machine in-
structions or the SERIES 740 <Software> User’s Manual for details
on the instruction set.
Machine-resident 740 family instructions are as follows:
The FST, SLW instruction cannot be used.
The MUL, DIV, WIT and STP instruction can be used.
CPU Mode Register
The CPU mode register contains the stack page selection bit and
internal system clock selection bit. The CPU mode register is allo-
cated at address 00FB16.
Fig. 1. Structure of CPU mode register
70
11
0
0
CPU mode register
(CPUM (CM) : address 00FB16)
Processor mode bits
b1 b0
0 0 : Single-chip mode
0 1 :
1 0 :
1 1 :
Stack page selection bit (Note)
0 : Zero page
1 : 1 page
Fix these bits to “1.”
Note: Please beware of this bit when programming because it
is set to “1” after the reset release.
XCOUT drivability selection bit
0 : Low drive
1 : High drive
Main colock (XIN–XOUT) stop bit
0 : Oscillating
1 : Stopped
Internal system clock selection bit
0 : XIN–XOUT selected (high-speed mode)
1 : XCIN–XCOUT selected (low-speed mode)
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com