Electronic Components Datasheet Search
  English  ▼

X  

M37270EFSP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M37270EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37270EFSP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M37270EFSP Datasheet HTML 17Page - Renesas Technology Corp M37270EFSP Datasheet HTML 18Page - Renesas Technology Corp M37270EFSP Datasheet HTML 19Page - Renesas Technology Corp M37270EFSP Datasheet HTML 20Page - Renesas Technology Corp M37270EFSP Datasheet HTML 21Page - Renesas Technology Corp M37270EFSP Datasheet HTML 22Page - Renesas Technology Corp M37270EFSP Datasheet HTML 23Page - Renesas Technology Corp M37270EFSP Datasheet HTML 24Page - Renesas Technology Corp M37270EFSP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
MITSUBISHI MICROCOMPUTERS
M37270MF-XXXSP
M37270EF-XXXSP, M37270EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
20
Fig. 12. PWM block diagram
PN
PW
P0
D0
: PWM mode register 1 (address 020A16)
: PWM mode register 2 (address 020B16)
: Port P0 register
address 00C016)
: Port P0 direction register (address 00C116)
Selection gate :
Connected to
black colored
side at reset.
is as same contents with the others.
PWM1 register (Address 020116)
PWM2 register (Address 020216)
PWM3 register (Address 020316)
PWM4 register (Address 020416)
PWM5 register (Address 020516)
PWM6 register (Address 020616)
1/2
PN0
XIN
PWM timing
generating
circuit
Data bus
PWM0 register
(Address 020016)
b7
b0
8
8-bit PWM circuit
PN3
P04
PW0
D04
PWM0
P05
PW1
D05
PWM1
P06
PW2
D06
PWM2
P07
PW3
D07
PWM3
P00
PW4
D00
PWM4
P01
PW5
D01
PWM5
P02
PW6
D02
PWM6
PWM7 register (Address 020716)
P50
PW7
PWM7
Inside of
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com