Electronic Components Datasheet Search
  English  ▼

X  

STW16NB60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW16NB60
Description  N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh™ MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW16NB60 Datasheet(HTML) 1 Page - STMicroelectronics

  STW16NB60 Datasheet HTML 1Page - STMicroelectronics STW16NB60 Datasheet HTML 2Page - STMicroelectronics STW16NB60 Datasheet HTML 3Page - STMicroelectronics STW16NB60 Datasheet HTML 4Page - STMicroelectronics STW16NB60 Datasheet HTML 5Page - STMicroelectronics STW16NB60 Datasheet HTML 6Page - STMicroelectronics STW16NB60 Datasheet HTML 7Page - STMicroelectronics STW16NB60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
April 2003
STW16NB60
N-CHANNEL 600V - 0.3
Ω -16A TO-247
PowerMesh™ MOSFET
s
TYPICAL RDS(on) = 0.3Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performances. The new patent pending strip layout
coupled with the Company’s proprieraty edge termi-
nation structure, gives the lowest RDS(on) per area,
exceptional avalanche and dv/dt capabilities and
unrivalled gate charge and switching characteris-
tics.
APPLICATIONS
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW16NB60
600V
< 0.35
Ω
16 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
16
A
ID
Drain Current (continuos) at TC = 100°C
10
A
IDM ( )
Drain Current (pulsed)
64
A
PTOT
Total Dissipation at TC = 25°C
220
W
Derating Factor
1.76
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
4
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤16A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
TO-247
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW16NB60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW16NB60 ISC-STW16NB60 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW16NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
Jul-1999
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
Jun-1999
STW10NB60 STMICROELECTRONICS-STW10NB60 Datasheet
93Kb / 8P
N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
Oct-1998
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
May-2001
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Jan-2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com