Electronic Components Datasheet Search
  English  ▼

X  

HVM14S Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVM14S
Description  Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVM14S Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVM14S Datasheet HTML 1Page - Renesas Technology Corp HVM14S Datasheet HTML 2Page - Renesas Technology Corp HVM14S Datasheet HTML 3Page - Renesas Technology Corp HVM14S Datasheet HTML 4Page - Renesas Technology Corp HVM14S Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.5.00, Oct.08.2003, page 1 of 4
HVM14S
Silicon Epitaxial Planar PIN Diode for High Frequency
Attenuator
REJ03G0113-0500Z
(Previous: ADE-208-083D)
Rev.5.00
Oct.08.2003
Features
• Low forward resistance. (r
f = 7.0 Ω max)
• Low capacitance. (C = 0.25 pF typ)
• MPAK package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No.
Laser Mark
Package Code
HVM14S
H6
MPAK
Pin Arrangement
21
3
1. Cathode2
2. Anode1
3. Cathode1
Anode2
(Top View)


Similar Part No. - HVM14S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVM14S HITACHI-HVM14S Datasheet
28Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14SR HITACHI-HVM14SR Datasheet
28Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVM14SR RENESAS-HVM14SR Datasheet
71Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results

Similar Description - HVM14S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVM14 HITACHI-HVM14 Datasheet
27Kb / 6P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM187WK HITACHI-HVM187WK Datasheet
28Kb / 6P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVB187YP RENESAS-HVB187YP Datasheet
147Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
HVM189S RENESAS-HVM189S Datasheet
156Kb / 5P
Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
logo
Hitachi Semiconductor
1SV121 HITACHI-1SV121 Datasheet
22Kb / 3P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
logo
Renesas Technology Corp
HVB14S RENESAS-HVB14S Datasheet
146Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVB190S RENESAS-HVB190S Datasheet
146Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14 RENESAS-HVM14 Datasheet
56Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM14SR RENESAS-HVM14SR Datasheet
71Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
HVM187S RENESAS-HVM187S Datasheet
68Kb / 5P
Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com