Electronic Components Datasheet Search
  English  ▼

X  

HVM14S Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVM14S
Description  Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVM14S Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVM14S Datasheet HTML 1Page - Renesas Technology Corp HVM14S Datasheet HTML 2Page - Renesas Technology Corp HVM14S Datasheet HTML 3Page - Renesas Technology Corp HVM14S Datasheet HTML 4Page - Renesas Technology Corp HVM14S Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVM14S
Rev.5.00, Oct.08.2003, page 3 of 4
Main Characteristic
0
0.2
0.4
0.6
0.8
1.0
10
–3
10
–5
10
–7
10
–9
10
–11
10
–1
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
10
–5
10
–4
10
–3
10
–2
Forward current IF (A)
Fig.4 Forward resistance vs. Forward current
10
3
10
4
1.0
10
2
10
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
f = 100MHz
010
40
10
–12
10
–10
10
–11
30
20
50
10
–9
10
–8
0.1
10
100
10
1.0
1.0
f = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com