Electronic Components Datasheet Search
  English  ▼

X  

APW7079 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7079
Description  Low-Supply-Current Synchronous Step-up DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7079 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7079 Datasheet HTML 1Page - Anpec Electronics Coropration APW7079 Datasheet HTML 2Page - Anpec Electronics Coropration APW7079 Datasheet HTML 3Page - Anpec Electronics Coropration APW7079 Datasheet HTML 4Page - Anpec Electronics Coropration APW7079 Datasheet HTML 5Page - Anpec Electronics Coropration APW7079 Datasheet HTML 6Page - Anpec Electronics Coropration APW7079 Datasheet HTML 7Page - Anpec Electronics Coropration APW7079 Datasheet HTML 8Page - Anpec Electronics Coropration APW7079 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2008
APW7079
www.anpec.com.tw
2
Ordering and Marking Information
Symbol
Parameter
Rating
Unit
VOUT
Output Voltage (VOUT to GND)
-0.3 ~ 6
V
VLX
LX to GND Voltage
-0.3 ~ VOUT+1
V
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1)
79
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
SOT-89
180
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Symbol
Parameter
Range
Unit
VOUT
Output Voltage (VOUT to GND)
0.7 ~ 5.5
V
VIN
Converter Supply Voltage
0.3 ~ VOUT+1
V
VLX
LX to GND Voltage
-0.3 ~ VOUT+0.3
V
IOUT
Converter Output Current
0 ~ 0.9 x IOUT(MAX)
A
TA
Ambient Temperature
-40 ~ 85
°C
TJ
Junction Temperature
-40 ~ 125
°C
Note 3: Refer to the typical application circuit
Note 4: Refer to “Application Information” for detail value.
Recommended Operating Conditions (Note 3, 4)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APW7079 -
Handling Code
Temperature Range
Package Code
Assembly Material
APW7079-18DI:
XXXXX - Date Code, 18: 1.8V
Package Code
D : SOT-89
Operating Ambient Temperature Range
I : -40 to 85oC
Handling Code
TR : Tape & Reel
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
Voltage Code
18: 1.8V
26: 2.6V
28: 2.8V
30: 3.0V
33: 3.3V
38: 3.8V
45: 4.5V
50: 5.0V
Voltage Code
APW7079
XXXXX18
APW7079-26DI:
XXXXX - Date Code, 26: 2.6V
APW7079
XXXXX26
APW7079-28DI:
XXXXX - Date Code, 28: 2.8V
APW7079
XXXXX28
APW7079-33DI:
XXXXX - Date Code, 38: 3.8V
APW7079
XXXXX38
APW7079-33DI:
XXXXX - Date Code, 33: 3.3V
APW7079
XXXXX33
APW7079-50DI:
XXXXX - Date Code, 50: 5.0V
APW7079
XXXXX50
APW7079-45DI:
XXXXX - Date Code, 45: 5.0V
APW7079
XXXXX45
APW7079-28DI:
XXXXX - Date Code, 30: 3.0V
APW7079
XXXXX30
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com