Electronic Components Datasheet Search
  English  ▼

X  

APW7079 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7079
Description  Low-Supply-Current Synchronous Step-up DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7079 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7079 Datasheet HTML 2Page - Anpec Electronics Coropration APW7079 Datasheet HTML 3Page - Anpec Electronics Coropration APW7079 Datasheet HTML 4Page - Anpec Electronics Coropration APW7079 Datasheet HTML 5Page - Anpec Electronics Coropration APW7079 Datasheet HTML 6Page - Anpec Electronics Coropration APW7079 Datasheet HTML 7Page - Anpec Electronics Coropration APW7079 Datasheet HTML 8Page - Anpec Electronics Coropration APW7079 Datasheet HTML 9Page - Anpec Electronics Coropration APW7079 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2008
APW7079
www.anpec.com.tw
6
Operating Waveforms
Heavy Load Switching Waveform
Load Transient Response
Line Transient Response
CH1: V
IN, 0.5V/Div, DC
CH3: V
OUT, 50mV/Div, AC
Time: 0.1ms/Div
1
3
2V
1.5V
V
OUT
V
IN
CH2: I
LX, 200mA/Div, DC
CH3: V
OUT, 50mV/Div, AC
CH4: V
LX, 2V/Div, DC
Time: 5
µs/Div
2
3
4
V
LX
I
LX
V
OUT
I
OUT=100mA, VIN=1.5V
CH2: I
OUT, 100mA/Div, DC
CH3: V
OUT, 50mV/Div, AC
Time: 0.1ms/Div
V
OUT
I
OUT=10mA -> 110mA -> 10mA
I
OUT rise/fall time = 1µs
V
IN=1.5V
10mA
110mA
2
3
I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com