Electronic Components Datasheet Search
  English  ▼

X  

APW7145KA Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7145KA
Description  3A, 12V, Synchronous-Rectified Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7145KA Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7145KA Datasheet HTML 1Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 2Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 3Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 4Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 5Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 6Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 7Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 8Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3- Sep., 2008
APW7145
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VIN
VIN Supply Voltage
4.3 ~ 14
V
VOUT
Converter Output Voltage
0.8 ~ VIN
V
IOUT
Converter Output Current
0 ~ 3
A
CIN
Converter Input Capacitor (MLCC)
8 ~ 50
µF
Converter Output Capacitor
20 ~ 1000
µF
COUT
Effective Series Resistance
0 ~ 60
m
Ω
LOUT
Converter Output Inductor
1 ~ 22
µH
Resistance of the Feedback Resistor connected from FB to GND
1 ~ 20
k
Ω
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Note 4: Refer to the Typical Application Circuits
Recommended Operating Conditions (Note 4)
Electrical Characteristics
Refer to the “Typical Application Circuits”. These specifications apply over VIN=12V, VOUT=3.3V and TA= -40 ~ 85°C, unless otherwise
specified. Typical values are at TA=25°C.
APW7145
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IVIN
VIN Supply Current
VFB = VREF +50mV, VEN=3V, LX=NC
-
0.5
1.5
mA
IVIN_SD
VIN Shutdown Supply Current
VEN = 0V
-
-
3
µA
POWER-ON-RESET (POR) VOLTAGE THRESHOLD
VIN POR Voltage Threshold
VIN rising
3.9
4.1
4.3
V
VIN POR Hysteresis
-
0.5
-
V
REFERENCE VOLTAGE
VREF
Reference Voltage
Regulated on FB pin
-
0.8
-
V
TJ = 25
oC, I
OUT=10mA, VIN=12V
-1.0
-
+1.0
Output Voltage Accuracy
IOUT=10mA~3A, VIN=4.75~14V
-2.0
-
+2.0
%
Line Regulation
VIN = 4.75V to 14V
-
+0.02
-
%/V
Load Regulation
IOUT = 0.5A ~ 3A
-
-0.04
-
%/A
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Thermal Resistance in Free Air
(Note 2)
SOP-8P
DFN4x4-8
50
65
oC/W
θ
JC
Junction-to-Case Resistance in Free Air
(Note 3)
SOP-8P
DFN4x4-8
20
30
oC/W
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Note 3 : The case temperature is measured at the center of the exposed pad on the underside of the SOP-8P and DFN4x4-8
packages.
Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com