Electronic Components Datasheet Search
  English  ▼

X  

APW7145KA Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7145KA
Description  3A, 12V, Synchronous-Rectified Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7145KA Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7145KA Datasheet HTML 1Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 2Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 3Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 4Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 5Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 6Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 7Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 8Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3- Sep., 2008
APW7145
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Refer to the “Typical Application Circuits”. These specifications apply over VIN=12V, VOUT=3.3V and TA= -40 ~ 85°C, unless otherwise
specified. Typical values are at TA=25°C.
APW7145
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OSCILLATOR AND DUTY CYCLE
FOSC
Oscillator Frequency
TJ = -40 ~ 125
oC, V
IN = 4.75 ~ 14V
450
500
550
kHz
Foldback Frequency
VOUT = 0V
-
80
-
kHz
Maximum Converter’s Duty
-
99
-
%
TON_MIN
Minimum Pulse Width of LX
-
150
-
ns
CURRENT-MODE PWM CONVERTER
Gm
Error Amplifier Transconductance
VFB=VREF±50mV
-
200
-
µA/V
Error Amplifier DC Gain
COMP = NC
-
80
-
dB
Current-Sense to COMP Voltage
Transresistance
-
0.1
-
V/A
Between VIN and Exposed Pad,
VIN = 5V, TJ=25°C
-
70
100
High-Side Switch Resistance
Between VIN and Exposed Pad,
VIN = 12V, TJ=25°C
-
55
80
m
Ω
Between GND and Exposed Pad,
VIN = 5V, TJ=25°C
-
55
80
Low-Side Switch Resistance
Between GND and Exposed Pad,
VIN = 12V, TJ=25°C
-
45
60
m
Ω
PROTECTIONS
ILIM
High-Side Switch Current-limit
Peak Current
5
6.5
8
A
VTH_UV
FB Under-Voltage Threshold
VFB falling
45
50
55
%
VTH_OV
FB Over-Voltage Threshold
VFB rising
114
118
122
%
FB Under-Voltage Debounce
-
1
-
µs
TOTP
Over-Temperature Trip Point
-
150
-
oC
Over-Temperature Hysteresis
-
40
-
oC
TD
Dead-Time
VLX = -0.7V
-
20
-
ns
SOFT-START, SOFT-STOP, ENABLE, AND INPUT CURRENTS
TSS
Soft-Start / Soft-Stop Interval
1.5
2
2.5
ms
EN Shutdown Voltage Threshold
VEN falling
0.5
-
-
V
EN Enable Voltage Threshold
-
-
2.1
V
High-side Switch Leakage Current
VEN = 0V, VLX = 0V
-
-
2
µA
IFB
FB Pin Input Current
-100
-
+100
nA
IEN
EN Pin Input Current
VEN = 0V ~ VIN
-100
-
+100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com