Electronic Components Datasheet Search
  English  ▼

X  

STW40NS15 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW40NS15
Description  N-CHANNEL 150V - 0.042ohm - 40A TO-247 MESH OVERLAY™ MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW40NS15 Datasheet(HTML) 1 Page - STMicroelectronics

  STW40NS15 Datasheet HTML 1Page - STMicroelectronics STW40NS15 Datasheet HTML 2Page - STMicroelectronics STW40NS15 Datasheet HTML 3Page - STMicroelectronics STW40NS15 Datasheet HTML 4Page - STMicroelectronics STW40NS15 Datasheet HTML 5Page - STMicroelectronics STW40NS15 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
October 2000
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
STW40NS15
N-CHANNEL 150V - 0.042
Ω - 40A TO-247
MESH OVERLAY™ MOSFET
INTERNAL SCHEMATIC DIAGRAM
s
TYPICAL RDS(on) = 0.042Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
This powermos MOSFET is designed using the
company’s consolidated strip layout-based MESH
OVERLAY
™ process. This technology matches
and improves the performances compared with
standard parts from various sources.
APPLICATIONS
s
HIGH CURRENT SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
PRIMARYSWITCH IN ISOLATED DC-DC
CONVERTERS
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW40NS15
150 V
<0.052
Ω
40A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
150
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
150
V
VGS
Gate- source Voltage
±20
V
ID
Drain Current (continuos) at TC = 25°C
40
A
ID
Drain Current (continuos) at TC = 100°C
25
A
IDM
(1)
Drain Current (pulsed)
160
A
PTOT
Total Dissipation at TC = 25°C
180
W
Derating Factor
0.933
W/°C
dv/dt
Peak Diode Recovery voltage slope
9
V/ns
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
1
2
3
TO-247


Similar Part No. - STW40NS15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW40NS15 ISC-STW40NS15 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW40NS15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF640S STMICROELECTRONICS-IRF640S Datasheet
84Kb / 8P
N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET
Sep-1999
STB40NS15 STMICROELECTRONICS-STB40NS15 Datasheet
289Kb / 7P
N-CHANNEL 150V - 0.042Ω - 40A D2PAK MESH OVERLAY™ MOSFET
Dec-2001
STH15NB50FI STMICROELECTRONICS-STH15NB50FI Datasheet
110Kb / 3P
N-CHANNEL ENHANCEMENT MODE MESH OVERLAY POWER MOSFET
Jan-1997
STP40NS15 STMICROELECTRONICS-STP40NS15 Datasheet
114Kb / 6P
N-CHANNEL 150V - 0.042ohm - 40A TO-220 MESH OVERLAY™ MOSFET
Oct-2000
STP6NS25 STMICROELECTRONICS-STP6NS25 Datasheet
266Kb / 8P
N-CHANNEL 250V - 0.9ohm - 6A TO-220 MESH OVERLAY™MOSFET
November 2002
STP30NS15LFP STMICROELECTRONICS-STP30NS15LFP Datasheet
317Kb / 9P
N-CHANNEL 150V - 0.085 W - 10A TO-220FP MESH OVERLAY??POWER MOSFET
Jul-2003
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
327Kb / 12P
N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
14-Jan-2005
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB_06 Datasheet
382Kb / 16P
N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
03-Oct-2006
STB40NS15T4 STMICROELECTRONICS-STB40NS15T4 Datasheet
322Kb / 13P
N-channel 150V - 0.045Ω - 40A - D2PAK MESH OVERLAY™ Power MOSFET
October 2007
logo
Unisonic Technologies
40N15 UTC-40N15 Datasheet
151Kb / 3P
40A, 150V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com