Electronic Components Datasheet Search
  English  ▼

X  

AVR401 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AVR401
Description  8-bit Precision A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR401 Datasheet(HTML) 1 Page - ATMEL Corporation

  AVR401 Datasheet HTML 1Page - ATMEL Corporation AVR401 Datasheet HTML 2Page - ATMEL Corporation AVR401 Datasheet HTML 3Page - ATMEL Corporation AVR401 Datasheet HTML 4Page - ATMEL Corporation AVR401 Datasheet HTML 5Page - ATMEL Corporation AVR401 Datasheet HTML 6Page - ATMEL Corporation AVR401 Datasheet HTML 7Page - ATMEL Corporation AVR401 Datasheet HTML 8Page - ATMEL Corporation AVR401 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
AVR401: 8-bit Precision A/D Converter
Features
• Very Low Cost
• High Precision
• Auto-calibration Eliminates Component Inaccuracy
• Measures Voltages for 0 to V
CC
• Maximum Conversion Time: 1.1 ms
Introduction
This application note describes how to perform a kind of dual slope A/D conversion
with an AVR microcontroller. The converter is very low cost, requiring only six discrete
components in addition to the AVR. Five of the controller pins are used (see Figure 1).
This example is based on the AT90S1200 device, but any AVR device with a compar-
ator can be used.
Figure 1. A/D Converter
Theory of Operation
The capacitor is charged with a constant current supplied by the transistor. The
capacitor voltage will rise linearly. To discharge the capacitor, the AIN0-pin is set to
output with a “0” applied. A reference voltage at V
CC/2 is supplied by the resistor net-
work R
ref1 and Rref2. When the PB1 and PB2-pins are configured as inputs, the
reference is turned off, and the voltage level at the AIN1-pin will be the input voltage
V
in. By setting the pins as outputs and applying a “0” and a “1”, the level at the AIN1-
pin will be V
CC/2 (if the resistors are of equal size). The input resistor Rin have to be at
least 100 times higher than the reference resistors R
ref1 and Rref2 to avoid measure-
ment errors.
V
CC
(AIN0) PB0
(AIN1) PB1
PB7
AT90S1200
PB2
PB3
T
C
R
B
R
in
R
ref 1
R
ref 2
V
in
(V )
ref
8-bit
Microcontroller
Application
Note
Rev. 0953C–AVR–02/03


Similar Part No. - AVR401

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR4013 ATMEL-AVR4013 Datasheet
99Kb / 7P
Sleep modes PRR registers Oscillator calibration USART
More results

Similar Description - AVR401

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
8 Bit A/D Converter
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
8-BIT D-A CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
8-bit D/A Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
8-bit A/D Converter
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
8-Bit D/A Converter
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
8-Bit A/D Converter
REV. A
AD673 AD-AD673_17 Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com