Electronic Components Datasheet Search
  English  ▼

X  

AVR401 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AVR401
Description  8-bit Precision A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR401 Datasheet(HTML) 4 Page - ATMEL Corporation

  AVR401 Datasheet HTML 1Page - ATMEL Corporation AVR401 Datasheet HTML 2Page - ATMEL Corporation AVR401 Datasheet HTML 3Page - ATMEL Corporation AVR401 Datasheet HTML 4Page - ATMEL Corporation AVR401 Datasheet HTML 5Page - ATMEL Corporation AVR401 Datasheet HTML 6Page - ATMEL Corporation AVR401 Datasheet HTML 7Page - ATMEL Corporation AVR401 Datasheet HTML 8Page - ATMEL Corporation AVR401 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
AVR401
0953C–AVR–02/03
The transistor should be connected to a pin as long away from the comparator inputs as
possible. When a pin is switched, a noise spike appear at the adjacent pins. This will
cause problems when measuring low voltages, as the noise spike might trigger the com-
parator before the capacitor voltage has reached the measured voltage.
Figure 3 shows measured linearity for a 4 MHz clocked application using the component
values calculated in the above example.
Figure 3. Measured Linearity
Implementation
The software consist of several subroutines. The routines “reference” and “convert” han-
dles the charging and timing. After they complete execution, the main program must
perform the calculation needed. This is done using two subroutines that performs divi-
sion and multiplication, “div17u” and “mul9”. There are also two delays used by the other
routines and the main program. They are used to discharge the capacitor completely
and to generate a delay between each conversion.
“reference” Subroutine –
Measures the Reference
Voltage
The routine discharges the capacitor, turns on the transistor and charges the capacitor
until the capacitor voltage is equal to the reference voltage. The time from the beginning
of the charging and until the voltages are equal is measured. The capacitor is then dis-
charged again. The charging time is used together with the charging time from the
“convert” routine to calculate the input voltage.
This routine does not have to be called every time a conversion is performed, depending
on variations in ambient temperature. Especially the parameter h
FE in the transistor is
quite temperature dependent, so if the ambient temperature is varying, the subroutine
will have to be executed frequently. In the example program, the “reference” routine is
called each time a conversion is performed.
LINEARITY
0
50
100
150
200
250
01
23
45
INPUT VOLTAGE
O
U
T
P
U
T
V
A
L
U
E
Table 1. “reference” Subroutine Performance Figures
Parameter
Value
Code Size
24 words
Execution Cycles
Depends on the reference voltage.
Register Usage
Low Registers
High Registers
Global
:None
:2
:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com