Electronic Components Datasheet Search
  English  ▼

X  

AP1501A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1501A
Description  150KHz, 5A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501A Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1501A Datasheet HTML 1Page - Diodes Incorporated AP1501A Datasheet HTML 2Page - Diodes Incorporated AP1501A Datasheet HTML 3Page - Diodes Incorporated AP1501A Datasheet HTML 4Page - Diodes Incorporated AP1501A Datasheet HTML 5Page - Diodes Incorporated AP1501A Datasheet HTML 6Page - Diodes Incorporated AP1501A Datasheet HTML 7Page - Diodes Incorporated AP1501A Datasheet HTML 8Page - Diodes Incorporated AP1501A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP1501A
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
1 of 12
SEPTEMBER 2008
www.diodes.com
© Diodes Incorporated
Lead-free
Lead-free
Lead-free
Lead-free
Features
General Description
The AP1501A series are monolithic ICs that are designed for a
step-down DC/DC converter, and possess the ability to drive a
5A load without additional transistor component. Due to reducing
the number of external component, the board space can be
saved easily. The external shutdown function can be controlled
by logic level and then come into standby mode. The internal
compensation makes feedback control have good line and load
regulation without external design. Regarding protected function,
thermal shutdown is to prevent over temperature operating from
damage, and current limit is against over current operating of the
output switch. The AP1501A series operates at a switching
frequency
of
150Khz
thus
allowing
smaller
sized
filter
components than what would be needed with lower frequency
switching regulators. Other features include a guaranteed +4%
tolerance on output voltage under specified input voltage and
output load conditions, and +15% on the oscillator frequency.
The output version includes fixed 3.3V, 5V, 12V, and an
adjustable type. The packages are available in a standard 5-lead
TO263 and TO220 packages.
•
Output voltage: 3.3V, 5V, 12V and adjustable output
version
•
Adjustable version output voltage range, 1.23V to
37V+4%
•
150Khz +15% fixed switching frequency
•
Voltage mode non-synchronous PWM control
•
Thermal-shutdown and current-limit protection
•
ON/OFF shutdown control input
•
Operating voltage can be up to 40V
•
Output load current: 5A
•
Low power standby mode
•
Built-in switching transistor on chip
•
Lead Free packages: TO263-5L and TO220-5L(R)
•
TO263-5L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
Applications
•
Simple High-efficiency step-down regulator
•
On-card switching regulators
•
Positive to negative converter
Ordering Information
Package
K5 : TO263-5L
Output Version
AP1501A - XX XXX X - X
Packing
U : Tube
13 : Tape & Reel
Blank : Adjustable
33
: 3.3V
50
: 5.0V
12
: 12V
Lead Free
L : Lead Free
T5 : TO220-5L
T5R : TO220-5L(R)
G : Green
Tube
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1501A-XXK5L-U
K5
TO263-5L
50
-U
NA
NA
AP1501A-XXK5L-13
K5
TO263-5L
NA
NA
800/Tape & Reel
-13
AP1501A-XXK5G-U
K5
TO263-5L
50
-U
NA
NA
AP1501A-XXK5G-13
K5
TO263-5L
NA
NA
800/Tape & Reel
-13
AP1501A-XXT5L-U
T5
TO220-5L
50
-U
NA
NA
AP1501A-XXT5RL-U
T5R
TO220-5L(R)
50
-U
NA
NA
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RohS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - AP1501A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
AP1501A ANACHIP-AP1501A Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Anachip Corp
AP1501A-12 ANACHIP-AP1501A-12 Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
AP1501A-12K5 ANACHIP-AP1501A-12K5 Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
More results

Similar Description - AP1501A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
150KHz, 5A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com