Electronic Components Datasheet Search
  English  ▼

X  

AP1501A Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1501A
Description  150KHz, 5A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501A Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1501A Datasheet HTML 4Page - Diodes Incorporated AP1501A Datasheet HTML 5Page - Diodes Incorporated AP1501A Datasheet HTML 6Page - Diodes Incorporated AP1501A Datasheet HTML 7Page - Diodes Incorporated AP1501A Datasheet HTML 8Page - Diodes Incorporated AP1501A Datasheet HTML 9Page - Diodes Incorporated AP1501A Datasheet HTML 10Page - Diodes Incorporated AP1501A Datasheet HTML 11Page - Diodes Incorporated AP1501A Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP1501A
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
10 of 12
SEPTEMBER 2008
www.diodes.com
© Diodes Incorporated
Marking Information
(1) TO263-5L
1501A XX
Output Type :
1501A : ADJ
1501A-33 : 3.3V
1501A-50 : 5.0V
1501A-12 : 12V
Logo
ID code
Year :
( Top View )
"08" = 2008
"07" = 2007
YY WW X X
Xth week : 01~52
L : Lead Free
G : Green
(2) TO220-5L(R)
1501AXX
Output Type:
1501A : ADJ
1501A33 : 3.3V
1501A50 : 5.0V
1501A12 : 12V
Logo
ID code
Year:
"08" = 2008
"07" = 2007
YY WW XX
Xth week: 01~52
L : Lead Free Package
( Top view )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com