Electronic Components Datasheet Search
  English  ▼

X  

M52957AFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M52957AFP
Description  Distance Detection Signal Processing for 3V Supply Voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52957AFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M52957AFP Datasheet HTML 4Page - Renesas Technology Corp M52957AFP Datasheet HTML 5Page - Renesas Technology Corp M52957AFP Datasheet HTML 6Page - Renesas Technology Corp M52957AFP Datasheet HTML 7Page - Renesas Technology Corp M52957AFP Datasheet HTML 8Page - Renesas Technology Corp M52957AFP Datasheet HTML 9Page - Renesas Technology Corp M52957AFP Datasheet HTML 10Page - Renesas Technology Corp M52957AFP Datasheet HTML 11Page - Renesas Technology Corp M52957AFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M52957AFP
Rev.1.0, Sep.19.2003, page 8 of 13
Application Example
CINT
GND1
CHN
SOUT
PVcc
IRED
PSDN
PSD
RECKON
BIAS
NC
TESTF
CHF
CLALV
HOLD
INT
9
10
MICROCOMPUTER
Vcc
GND2
16
15
PSDF
1.0µF
2
3
14
12
11
8
13
4
6
STB
5
RESET
7
0.068µF
1
1.0µF
TESTN
NC
STATIONARY
LIGHT
REMOVE
PULSE WIDTH
TRANSFORM
(DOUBLE INTEGRATION)
SEQUENTIAL CONTROL LOGIC
CLAMP
CIRCUIT
I/V
TRANSFORM
AMP
STATIONARY
LIGHT
REMOVE
I/V
TRANSFORM
AMP
HOLD
HOLD
I1
I2
CLAMP LEVEL
SWITCHING
HOLD
REFERENCE
VOLTAGE
I1+I2
I1
Controls
(1) STB
This terminal enables IC to operate. IC is Standby at HIGH in this terminal. IC can operate at LOW in this terminal.
(2) RESET
This terminal resets the whole IC including a logic. This terminal resets IC at HIGH.
This terminal cancel resetting IC at the edge from HIGH to LOW.
IC includes power on reset function. The control from external is also possible.
The reset term in IC takes OR between power on reset and control signal from external.
H
L
Indefiniteness
Reset
Reset canceled
While this terminal is HIGH,dielectric divide pole countermeasures circuit of
integration condenser is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com