Electronic Components Datasheet Search
  English  ▼

X  

M52957AFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M52957AFP
Description  Distance Detection Signal Processing for 3V Supply Voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52957AFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M52957AFP Datasheet HTML 6Page - Renesas Technology Corp M52957AFP Datasheet HTML 7Page - Renesas Technology Corp M52957AFP Datasheet HTML 8Page - Renesas Technology Corp M52957AFP Datasheet HTML 9Page - Renesas Technology Corp M52957AFP Datasheet HTML 10Page - Renesas Technology Corp M52957AFP Datasheet HTML 11Page - Renesas Technology Corp M52957AFP Datasheet HTML 12Page - Renesas Technology Corp M52957AFP Datasheet HTML 13Page - Renesas Technology Corp M52957AFP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
M52957AFP
Rev.1.0, Sep.19.2003, page 10 of 13
a. CINT rapid charge
After reset is canceled, the capacity of CINT is charged rapidly until INT terminal first falls.
b. CH rapid charge
After reset is canceled, the capacity of CH is charged rapidly until INT terminal first rises and falls.
c. Stationary light hold
After reset is canceled, holds the stationary light while HOLD terminal is HIGH.
d. The first integration
After reset is canceled, as HOLD terminal is HIGH and INT terminal is HIGH, the first integration is
implemented while INT terminal is HIGH. Therefore, the first integration must be finished(INT terminal
from HIGH to LOW) until stationary light hold will be completed (HOLD terminal from HIGH to LOW)
e. The second integration
After reset is canceled, the second integration is implemented as HOLD terminal is LOW and INT terminal
is HIGH. And, the second integration is completed by exceeding judgment level of CINT terminal although
INT terminal is HIGH.
(5)SOUT
When the second integration starts, This terminal becomes from HIGH to LOW.
If CINT terminal exceeds judge level or INT terminal becomes from HIGH to LOW, this terminal becomes from LOW
to HIGH.
(notice)As the signal from microcomputer, the signal that controls IRED ON/OFF is required except for above
mentioned control signals. But applying the timing of HOLD is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com