Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R8C/18
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 87Page - Renesas Technology Corp R8C/18 Datasheet HTML 88Page - Renesas Technology Corp R8C/18 Datasheet HTML 89Page - Renesas Technology Corp R8C/18 Datasheet HTML 90Page - Renesas Technology Corp R8C/18 Datasheet HTML 91Page - Renesas Technology Corp R8C/18 Datasheet HTML 92Page - Renesas Technology Corp R8C/18 Datasheet HTML 93Page - Renesas Technology Corp R8C/18 Datasheet HTML 94Page - Renesas Technology Corp R8C/18 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 76 of 233
REJ09B0222-0130
12.1.5.2
Relocatable Vector Tables
The relocatable vector tables occupy 256 bytes beginning from the starting address set in the INTB
register. Table 12.2 lists the Relocatable Vector Tables.
NOTES:
1. These addresses are relative to those in the INTB register.
2. The I flag does not disable these interrupts.
Table 12.2
Relocatable Vector Tables
Interrupt Source
Vector Address(1)
Address (L) to Address (H)
Software
Interrupt Number
Reference
BRK instruction(2)
+0 to +3 (0000h to 0003h)
0
R8C/Tiny Series
Software Manual
(Reserved)
1 to 12
Key input
+52 to +55 (0034h to 0037h)
13
12.3 Key Input Interrupt
Comparator conversion
+56 to +59 (0038h to 003Bh)
14
16. Comparator
(Reserved)
15
Compare 1
+64 to +67 (0040h to 0043h)
16
14.3 Timer C
UART0 transmit
+68 to +71 (0044h to 0047h)
17
15. Serial Interface
UART0 receive
+72 to +75 (0048h to 004Bh)
18
UART1 transmit
+76 to +79 (004Ch to 004Fh)
19
UART1 receive
+80 to +83 (0050h to 0053h)
20
(Reserved)
21
Timer X
+88 to +91 (0058h to 005Bh)
22
14.1 Timer X
(Reserved)
23
Timer Z
+96 to +99 (0060h to 0063h)
24
14.2 Timer Z
INT1
+100 to +103 (0064h to 0067h)
25
12.2 INT interrupt
INT3
+104 to +107 (0068h to 006Bh)
26
Timer C
+108 to +111 (006Ch to 006Fh)
27
14.3 Timer C
Compare 0
+112 to +115 (0070h to 0073h)
28
INT0
+116 to +119 (0074h to 0077h)
29
12.2 INT interrupt
(Reserved)
30
(Reserved)
31
Software interrupt(2)
+128 to +131 (0080h to 0083h) to
+252 to +255 (00FCh to 00FFh)
32 to 63
R8C/Tiny Series
Software Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com