Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R8C/18
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 16Page - Renesas Technology Corp R8C/18 Datasheet HTML 17Page - Renesas Technology Corp R8C/18 Datasheet HTML 18Page - Renesas Technology Corp R8C/18 Datasheet HTML 19Page - Renesas Technology Corp R8C/18 Datasheet HTML 20Page - Renesas Technology Corp R8C/18 Datasheet HTML 21Page - Renesas Technology Corp R8C/18 Datasheet HTML 22Page - Renesas Technology Corp R8C/18 Datasheet HTML 23Page - Renesas Technology Corp R8C/18 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 257 page
background image
R8C/18 Group, R8C/19 Group
1. Overview
Rev.1.30
Apr 14, 2006
Page 5 of 233
REJ09B0222-0130
1.4
Product Information
Table 1.3 lists Product Information for R8C/18 Group and Table 1.4 lists Product Information for R8C/19
Group.
(D): Under Development
Figure 1.2
Type Number, Memory Size, and Package of R8C/18 Group
Table 1.3
Product Information for R8C/18 Group
Current of Apr. 2006
Type No.
ROM Capacity RAM Capacity
Package Type
Remarks
R5F21181SP
4 Kbytes
384 bytes
PLSP0020JB-A
Flash memory version
R5F21182SP
8 Kbytes
512 bytes
PLSP0020JB-A
R5F21183SP
12 Kbytes
768 bytes
PLSP0020JB-A
R5F21184SP
16 Kbytes
1 Kbyte
PLSP0020JB-A
R5F21181DSP (D)
4 Kbytes
384 bytes
PLSP0020JB-A
D version
R5F21182DSP (D)
8 Kbytes
512 bytes
PLSP0020JB-A
R5F21183DSP (D)
12 Kbytes
768 bytes
PLSP0020JB-A
R5F21184DSP (D)
16 Kbytes
1 Kbyte
PLSP0020JB-A
R5F21181DD
4 Kbytes
384 bytes
PRDP0020BA-A
Flash memory version
R5F21182DD
8 Kbytes
512 bytes
PRDP0020BA-A
R5F21183DD
12 Kbytes
768 bytes
PRDP0020BA-A
R5F21184DD
16 Kbytes
1 Kbyte
PRDP0020BA-A
R5F21182NP
8 Kbytes
512 bytes
PWQN0028KA-B Flash memory version
R5F21183NP
12 Kbytes
768 bytes
PWQN0028KA-B
R5F21184NP
16 Kbytes
1 Kbyte
PWQN0028KA-B
Type N o .
R 5 F 2 1 1 8 4 D SP
Package type:
SP: PLSP0020JB-A
DD: PRDP0020BA-A
NP: PWQN0028KA-B
Classification
D: Operating ambient temperature -40°C to 85°C
No Symbol: Operating ambient temperature -20°C to 85°C
ROM capacity
2: 8 KB
3: 12 KB
4: 16 KB
R8C/18 Group
R8C/Tiny Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com