Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # R8C/18
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 162Page - Renesas Technology Corp R8C/18 Datasheet HTML 163Page - Renesas Technology Corp R8C/18 Datasheet HTML 164Page - Renesas Technology Corp R8C/18 Datasheet HTML 165Page - Renesas Technology Corp R8C/18 Datasheet HTML 166Page - Renesas Technology Corp R8C/18 Datasheet HTML 167Page - Renesas Technology Corp R8C/18 Datasheet HTML 168Page - Renesas Technology Corp R8C/18 Datasheet HTML 169Page - Renesas Technology Corp R8C/18 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 257 page
background image
R8C/18 Group, R8C/19 Group
15. Serial Interface
Rev.1.30
Apr 14, 2006
Page 151 of 233
REJ09B0222-0130
Figure 15.6
Registers U0C1 to U1C1, and UCON
UART Transmit/Receive Control Register 2
Symbol
Address
Af ter Reset
UCON
00B0h
00h
Bit Symbol
Bit Name
Function
RW
0 : P1_5/RXD0
P1_7/CNTR00/INT10
______
1 : P1_5/RXD0/CNTR01/INT11
______
P1_7
NOTE:
1. The CNTRSEL bit selects the input pin of the CNTR0 (INTI
____
) signal.
When the CNTR0 signal is output, it is output f rom the CNTR00 pin regardless of the CNTRSEL bit setting.
Reserved bit
Set to 0.
RW
RW
CNTRSEL
U1SEL1
RW
—
(b6)
b7 b6 b5 b4
0
RW
U0IRS
UART0 transmit interrupt
source select bit
0 : Transmit buf f er empty (TI = 1)
1 : Transmit completed (TXEPT = 1)
RW
U1IRS
RW
UART0 continuous receive
mode enable bit
0 : Disables continuous receive mode.
1 : Enables continuous receive mode.
UART1 transmit interrupt
source select bit
0 : Transmit buf f er empty (TI = 1)
1 : Transmit completed (TXEPT = 1)
b3 b2
—
(b3)
b1 b0
0
U0RRM
CNTR0 signal pin select bit(1)
U1SEL0
RW
UART1 pin (P3_7/TXD1,
P4_5/RXD1) select bits
b5 b4
0 0 : P3_7, P4_5
0 1 : P3_7, RXD1
1 0 : Do not set.
1 1 : TXD1, RXD1
Reserved bit
Set to 0.
RW
UARTi Transmit/Receive Control Register 1 (i = 0 or 1)
Symbol
Address
After Reset
U0C1
00A5h
02h
U1C1
00ADh
02h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
RO
RW
RI
Receive complete flag(1)
0 : No data in UiRB register
1 : Data in UiRB register
The RI bit is set to 0 w hen the higher byte of the UiRB register is read out. Set the PD1_6 bit in the PD1 register to 0
(input).
RW
TI
RO
0 : Data in UiTB register
1 : No data in UiTB register
TE
RE
—
(b7-b4)
—
Receive enable bit
b7 b6 b5 b4 b3 b2 b1 b0
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Transmit enable bit
0 : Disables transmission.
1 : Enables transmission.
Transmit buffer empty flag
0 : Disables reception.
1 : Enables reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com